Electronic Components Datasheet Search
  English  ▼

X  

32CTQ030 Datasheet(PDF) 1 Page - International Rectifier

Part # 32CTQ030
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

32CTQ030 Datasheet(HTML) 1 Page - International Rectifier

  32CTQ030 Datasheet HTML 1Page - International Rectifier 32CTQ030 Datasheet HTML 2Page - International Rectifier 32CTQ030 Datasheet HTML 3Page - International Rectifier 32CTQ030 Datasheet HTML 4Page - International Rectifier 32CTQ030 Datasheet HTML 5Page - International Rectifier 32CTQ030 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
32 Amp
32CTQ030PbF
Bulletin PD-20848 10/04
Major Ratings and Characteristics
I
F(AV) Rectangular
30
A
waveform
V
RRM
30
V
I
FSM @ tp = 5 µs sine
900
A
V
F
@15 Apk, T
J = 125°C
0.40
V
T
J
range
- 55 to 150
°C
Characteristics
Values
Units
Description/ Features
The 32CTQ030PbF Schottky rectifier series has been opti-
mized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation
up to 150° C junction temperature. Typical applications are
in switching power supplies, converters, free-wheeling di-
odes, and reverse battery protection.
150° C T
J operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
1
IF(AV) = 30Amp
VR = 30V
Case Styles
TO-220
32CTQ030PbF
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
www.irf.com


Similar Part No. - 32CTQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
32CTQ030 IRF-32CTQ030 Datasheet
198Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
logo
International Rectifier
32CTQ030 IRF-32CTQ030 Datasheet
313Kb / 8P
SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
32CTQ030 SMC-32CTQ030 Datasheet
260Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
32CTQ030 SMCDIODE-32CTQ030 Datasheet
427Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - 32CTQ030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com