Electronic Components Datasheet Search
  English  ▼

X  

ARS252 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # ARS252
Description  AUTOMOTIVE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

ARS252 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  ARS252 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. ARS252 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
0
0
20
40
60
80
100 120 140 160 180
Capactitive Load.
Sings phase half wave res. or ind .load.
01
10
100
2
00
5
00
1
00
4
00
3
00
8.3ms Single Half Sine-Wave
(JEDEC Method)
O
0
1
20
40
60
80
100
0.1
1
0
1
00
TJ=25
T
J=25
f=1.0MHZ
Vsig=50mVp-p
1
00
1
100
0.1
1
000
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD CURRENT DERATING CURVE
NUMBER OF CYCLES AT60Hz
FIG.2 -- PEAK FORWARD SURGE CURRENT
REVERSE VOLTAGE,VOLTS
TERMINAL
TEMPERATURE
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
5
1
0
15
20
.8
.9
1
1.1
1.2
.1
1
10
TJ=25
.6
.7
1
00
1.3
1
000
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE V
TJ=100
500
www.shunyegroup.com.cn
mail to: sales@shunyegroup.com.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com