Electronic Components Datasheet Search
  English  ▼

X  

AD7357 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7357
Description  Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7357 Datasheet HTML 9Page - Analog Devices AD7357 Datasheet HTML 10Page - Analog Devices AD7357 Datasheet HTML 11Page - Analog Devices AD7357 Datasheet HTML 12Page - Analog Devices AD7357 Datasheet HTML 13Page - Analog Devices AD7357 Datasheet HTML 14Page - Analog Devices AD7357 Datasheet HTML 15Page - Analog Devices AD7357 Datasheet HTML 16Page - Analog Devices AD7357 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD7357
Preliminary Technical Data
Rev. PrD | Page 16 of 17
SERIAL INTERFACE
Figure 19 shows the detailed timing diagram for serial
interfacing to the AD7357. The serial clock provides the
conversion clock and controls the transfer of information from
the AD7357 during conversion.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track and hold into hold mode at
which point the analog input is sampled and the bus is taken
out of three-state. The conversion is also initiated at this point
and requires a minimum of 16 SCLKs to complete. Once 15
SCLK falling edges have elapsed, the track and hold will go back
into track on the next SCLK rising edge, as shown in Figure 19
at point B. On the rising edge of CS, the conversion will be
terminated and SDATAA and SDATAB will go back into three-
state. If CS is not brought high, but is instead held low for a
further 16 SCLK cycles on SDATAA, the data from the
conversion on ADCB will be output on SDATAA.
Likewise, if CS is held low for a further 16 SCLK cycles on
SDATAA, the data from the conversion on ADCA will be output
on SDATAB. This is illustrated in Figure 20 where the case for
SDATAA is shown. In this case, the SDATA line in use will go
back into three-state on the 32nd SCLK falling edge or the rising
edge of CS, which ever occurs first.
A minimum of 16 serial clock cycles are required to perform
the conversion process and to access data from one conversion
on either data line of the AD7357. CS going low provides the
leading zero to be read in by the microcontroller or DSP. The
remaining data is then clocked out by subsequent SCLK falling
edges, beginning with a second leading zero. Thus, the first
falling clock edge on the serial clock has the leading zero
provided and also clocks out the second leading zero. The 14-bit
result then follows with the final bit in the data transfer valid on
the 16th falling edge, having being clocked out on the previous
(15th) falling edge. In applications with a slower SCLK, it may be
possible to read in data on each SCLK rising edge depending on
the SCLK frequency. The first rising edge of SCLK after the CS
falling edge would have the second leading zero provided, and
the 15th rising SCLK edge would have DB0 provided.
CS
SCLK
1
5
15
DOUTA
DOUTB
2 LEADING ZEROS
THREE-
STATE
t4
2
34
t5
t3
tQUIET
t2
THREE-STATE
DB13
DB12
DB2
DB0
t6
t7
t8
0
0
DB1
B
DB11
DB10
t9
tACQUISITION
tCONVERT
0
16
Figure 19. Serial Interface Timing Diagram
CS
SCLK
1
5
16
DOUTA
THREE-
STATE
t4
2
34
17
t5
t3
t2
THREE-
STATE
t6
t7
15
0
DB12B
18
32
DB13A
2 LEADING
ZEROS
DB12A
DB11 A
DB0
0
2 ZEROS
0
DB13 B
DB1
DB0
B
B
A
0
0
31
Figure 20. Reading Data from Both ADCs on One SDATA Line with 32 SCLKs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com