Electronic Components Datasheet Search
  English  ▼

X  

AD5420BREZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD5420BREZ
Description  Single Channel, 16-Bit, Serial Input, Current Source DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5420BREZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5420BREZ Datasheet HTML 15Page - Analog Devices AD5420BREZ Datasheet HTML 16Page - Analog Devices AD5420BREZ Datasheet HTML 17Page - Analog Devices AD5420BREZ Datasheet HTML 18Page - Analog Devices AD5420BREZ Datasheet HTML 19Page - Analog Devices AD5420BREZ Datasheet HTML 20Page - Analog Devices AD5420BREZ Datasheet HTML 21Page - Analog Devices AD5420BREZ Datasheet HTML 22Page - Analog Devices AD5420BREZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Preliminary Technical Data
AD5420
Rev. PrD | Page 19 of 29
Table 7. Input Shift Register Format
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS WORD
DATA WORD
Table 8. Control Word Functions
Address
Word
Function
00000000
No Operation (NOP)
00000001
DATA Register
00000010
Readback register value as per Read Address
(See Table 10)
01010101
CONTROL Register
01010110
RESET Register
Standalone Operation
The serial interface works with both a continuous and noncon-
tinuous serial clock. A continuous SCLK source can only be
used if LATCH is taken high after the correct number of data
bits have been clocked in. In gated clock mode, a burst clock
containing the exact number of clock cycles must be used, and
LATCH must be taken high after the final clock to latch the
data. The first rising edge of SCLK that clocks in the MSB of the
dataword marks the beginning ot the write cycle. Exactly 24
rising clock edges must be applied to SCLK before LATCH is
brought high. If LATCH is brought high before the 24th rising
SCLK edge, the data written will be invalid. If more than 24
rising SCLK edges are applied before LATCH is brought high,
the input data will also be invalid.
CONTROLLER
DATA IN
LATCH
SDIN
SCLK
DATA OUT
SERIAL CLOCK
CONTROL OUT
SDO
LATCH
SCLK
SDO
LATCH
SCLK
SDO
SDIN
SDIN
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5420*
AD5420*
AD5420*
Figure 35. Daisy Chaining the AD5420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com