Electronic Components Datasheet Search
  English  ▼

X  

LDO517 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDO517
Description  IP Library: Wide Range ESR Capacitor, Low Noise, 100mA Low Dropout Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDO517 Datasheet(HTML) 2 Page - STMicroelectronics

  LDO517 Datasheet HTML 1Page - STMicroelectronics LDO517 Datasheet HTML 2Page - STMicroelectronics LDO517 Datasheet HTML 3Page - STMicroelectronics LDO517 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDO_517
2/4
ELECTRICAL CHARACTERISTICS
3V < VIN < 5.5V, -30°C < TA < +125°C, COUT = 1µF ±20%, ESR < 1Ω, ILOAD = 100mA.
Typical case : VIN = 4V, T = 25°C, COUT = 1µF.
Notes: 1. Above characteristics are given for 3V minimum input operating range voltage, but regulator is
operational with 2.5V minimum input voltage.
2. All parameters are guaranteed with 170mV min Dropout voltage.
3. Output Noise density reaches its maximum at 1MHz (300nV /
typical).
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input Voltage Range (Note 1)
VIN
3
5.5
V
Output Voltage
VOUT
2.8
V
Output Voltage Accuracy
3
%
Output current
IOUT
100
mA
Dropout Voltage
∆V
DO
∆V
OUT = 50mV,
ILOAD = 100mA
50
mV
(Note 2)
170
Quiescent current
IQ
ILOAD = 100µA
50
65
µA
ILOAD = 100mA
250
450
Power down mode quiescent
current
IQPDM
Power down active
100
nA
Power Supply Rejection Ratio
PSRR
DC ; Dropout = 170mV
45
55
dB
10KHz < f < 100KHz
45
55
DC ; Dropout = 200mV
55
60
10KHz < f < 100KHz
50
60
Line Regulation
LIR
ILOAD = 100mA,
VIN = 3V to 5.5V
515
mV
Load Regulation
LDR
ILOAD = 100µA - 100mA
15
20
mV
Line Transient
LIRT
∆V
IN = 300mV
tRISE = tFALL = 10µs
3mV
Load Transient
LDTR
ILOAD = 100µA - 100mA
in 10µs
3mV
Output Noise Voltage (Note 3)
en
100Hz
80
1KHz - 10KHz
70
100KHz
85
enRMS
BW : 100Hz to 100KHz
30
µVRMS
Output decoupling Capacitor
COUT
1µF
Settling time
ILOAD = 100mA
20
µs
Short Circuit Current Limit
ISHORT
200
400
800
mA
nV
Hz
------------
Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com