Electronic Components Datasheet Search
  English  ▼

X  

AM79C961 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C961
Description  PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C961 Datasheet HTML 35Page - Advanced Micro Devices AM79C961 Datasheet HTML 36Page - Advanced Micro Devices AM79C961 Datasheet HTML 37Page - Advanced Micro Devices AM79C961 Datasheet HTML 38Page - Advanced Micro Devices AM79C961 Datasheet HTML 39Page - Advanced Micro Devices AM79C961 Datasheet HTML 40Page - Advanced Micro Devices AM79C961 Datasheet HTML 41Page - Advanced Micro Devices AM79C961 Datasheet HTML 42Page - Advanced Micro Devices AM79C961 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 173 page
background image
P R E L I M I N A R Y
AMD
1-513
Am79C961
Plug and Play Logical Device Control Registers
Activate
0x30
For each logical device there is one activate register that controls whether or not
the logical device is active on the ISA bus. Bit[0], if set, activates the logical device.
Bits[7:1] are reserved and must be zero. This is a read/write register. Before a
logical device is activated, I/O range check must be disabled.
I/O Range Check
0x31
This register is used to perform a conflict check on the I/O port range programmed
for use by a logical device.
Bit[7:2] Reserved
Bit 1[1] Enable I/O Range check, if set then I/O Range Check is enabled. I/O range
check is only valid when the logical device is inactive.
Bit[0], if set, forces the logical device to respond to I/O reads of the logical device’s
assigned I/O range with a 0x55 when I/O range check is in operation. If clear, the
logical device drives 0xAA. This register is read/write.
Name
Address
Port Value
Definition
Memory Space Configuration
Memory base address
0x40
Read/write value indicating the selected memory base address bits[23:16] for
bits[23:16] descriptor 0
memory descriptor 0. This is the Boot Prom Space.
Memory base address
0x41
Read/write value indicating the selected memory base address bits[15:08] for
bits[15:08] descriptor 0
memory descriptor 0.
Memory control
0x42
Bits[2:1] specifies 8/16-bit control. The encoding is identical to memory control
(bits[4:3]) of the information field in the memory descriptor.
Bit[0], =0, indicates the next field is used as a range length for decode
(implies range length and base alignment of memory descriptor are equal).
Bit[0] is read-only.
Memory upper limit
0x43
Read/write value indicating the selected memory high address bits[23:16] for
address;
memory descriptor 0.
If bit[0] of memory control is 0, this is the range length.
If bit[0] of memory control is 1, this is considered invalid.
Memory upper limit
0x44
Read/write value indicating the selected memory high address bits[15:08] for
memory descriptor 0, either a memory address or a range length as described above.
Memory descriptor 1
0x48-0x4C
Memory descriptor 1. This is the SRAM Space for Shared Memory.
Name
Register
Index
Definition
bits[23:16] or range
length;
bits[23:16] for
descriptor 0
bits[15:08] or range
length;
bits[15:08] for
descriptor 0
I/O Space Configuration
I/O port base address
0x60
Read/write value indicating the selected I/O lower limit address bits[15:08] for I/O
bits[15:08] descriptor 0
descriptor 0. If a logical device indicates it only uses 10 bit encoding, then bits[15:10]
do not need to be supported.
I/O port base address
0x61
Read/write value indicating the selected I/O lower limit address bits[07:00] for I/O
bits[07:00] descriptor 0
descriptor 0.
Name
Register
Index
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com