Electronic Components Datasheet Search
  English  ▼

X  

PDC6807T Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDC6807T
Description  60V Dual P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC6807T Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDC6807T Datasheet HTML 1Page - Potens Semiconductor Corp. PDC6807T Datasheet HTML 2Page - Potens Semiconductor Corp. PDC6807T Datasheet HTML 3Page - Potens Semiconductor Corp. PDC6807T Datasheet HTML 4Page - Potens Semiconductor Corp. PDC6807T Datasheet HTML 5Page - Potens Semiconductor Corp. PDC6807T Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Potens semiconductor corp.
Ver.1.00
1
PDC6807T
60V Dual P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (TC=25℃)
-15
A
Drain Current
– Continuous (TC=100℃)
-9.5
A
IDM
Drain Current
– Pulsed1
-60
A
EAS
Single Pulse Avalanche Energy2
31
mJ
IAS
Single Pulse Avalanche Current2
-25
A
PD
Power Dissipation (TC=25℃)
33
W
Power Dissipation
– Derate above 25℃
0.26
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62.5
℃/W
RθJC
Thermal Resistance Junction to Case
---
3.8
℃/W
BVDSS
RDSON
ID
-60V
68m
-15A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -60V,-15A, RDS(ON) =68m
Ω@VGS = -10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
Applications
 Motor Drive
 Power Tools
 LED Lighting
PPAK5x6 Dual Pin Configuration
S1
D1
G2
S2
G1
D2
D2
2
S2
S1
G2
G1
D1
D1
D2


Similar Part No. - PDC6807T

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDC6804T POTENS-PDC6804T Datasheet
1Mb / 6P
60V Dual N-Channel MOSFETs
Ver.1.02
More results

Similar Description - PDC6807T

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK6710 FS-FTK6710 Datasheet
1Mb / 6P
60V NP Dual Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
60V NP Dual Channel MOSFETs
FTK6809 FS-FTK6809 Datasheet
579Kb / 5P
60V Dual P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com