Electronic Components Datasheet Search
  English  ▼

X  

BAS20 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # BAS20
Description  SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BAS20 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  BAS20 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BAS20 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. BAS20 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. BAS20 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-23
FEATURE
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
MARKING:
BAS19:JP
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
BAS19
BAS20
Unit
VRRM
Repetitive Peak Reverse Voltage
120
200
V
VRWM
Working Peak Reverse Voltage
100
150
V
IO
Average Rectified Output Current
200
mA
IFSM
Non-Repetitive Peak Forward Surge Current @t=
2.5
A
Pd
Power Dissipation
250
mW
RθJA
Thermal Resistance from Junction to Ambient
500
℃/W
Operation Junction and Storage Temperature Range
℃
TJ,Tstg
-55 ~ +150
ELECTRICAL CHARACTERISTICS (TA = 25
°C unless otherwise specified)
Parameter
Symbol
Test
Condition
Min
Typ
Max
Unit
Reverse breakdown voltage
BAS19
BAS20
V(BR)
IR=100μA
120
200
V
Reverse current
BAS19
BAS20
IR
VR=100V
VR=150V
0.1
μA
IF=100mA
1
V
Forward voltage
VF
IF=200mA
1.25
V
Diodes capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA,Irr=0.1*IR
50
ns
JP
JP
BAS20:JR
JR
JR
8.3ms
Soliddot = Green molding compound device,
if none,the normal device.
BAS19 THRU BAS20
SWITCHING DIODE
www.shunyegroup.com.cn
V2.22


Similar Part No. - BAS20

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS20 PANJIT-BAS20 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS20 PHILIPS-BAS20 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS20 VISHAY-BAS20 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS20 TRSYS-BAS20 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS20 ZETEX-BAS20 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
More results

Similar Description - BAS20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com