Electronic Components Datasheet Search
  English  ▼

X  

DLLC12I Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # DLLC12I
Description  1-line Low Capacitance Uni-directional TVS Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

DLLC12I Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  DLLC12I Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DLLC12I Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. DLLC12I Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. DLLC12I Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. DLLC12I Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. DLLC12I Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd. DLLC12I Datasheet HTML 7Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±30
±30
kV
Operating Temperature Range
TJ
−40 to +85
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Electrical Characteristics (TA=25°C unless otherwise specified)
DLLC03I (Marking Code: C)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
3.3
V
Breakdown Voltage
VBR
4
V
IT = 1mA
Reverse Leakage Current
IR
1
100
nA
VRWM =
3.3V
Forward Voltage
VF
0.8
1.2
V
IF=10mA
Clamping Voltage
VC
9
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
14
V
IPP =
18A (8 x 20µs pulse)
Peak Pulse Current
IPP
18
A
tp=8/20µs
Junction Capacitance
CJ
1
pF
VR = 0V, f = 1MHz
DLLC03I THRU DLLC24I
www.shunyegroup.com.cn
V2.22



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com