Electronic Components Datasheet Search
  English  ▼

X  

ES5D Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # ES5D
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

ES5D Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  ES5D Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. ES5D Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. ES5D Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGANDCHARACTERISTICCURVES
Fig.5-MAX. NON-REPETITIVE SURGE CURRENT
Fig.6-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT
PERCENT OF RATED PEAK REVERSE VOLTAGE%
REVERSE VOLTAGE,(V)
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60HZ
Tc, Case Temp (℃)
VF,FORWARD VOLTAGE(A)
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.2-TYPEICAL FORWARD CHARACTERISTICS
0
1
2
3
4
5
6
0
25
50
75 100 125 150 175
ES5A THRU ES5M
Single phase half
wave 60HZ
Resistive or
inductive Load
0
25
50
75
100
125
150
1
10
100
ES5A THRU ES5J
ES5K THRU ES5M
TJ=TJMAX.
8.3ms SINGLE HALF SINE-
WAVE
1
10
100
1000
0.1
1
10
100
0.01
0.1
1
10
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
ES5A THRU ES5D
ES5G
ES5J
ES5K THRU ES5M
0.01
0.1
1
10
0
20
40
60
80
100
25℃
www.shunyegroup.com.cn
V2.22
ES5A THRU ES5M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com