Electronic Components Datasheet Search
  English  ▼

X  

LC03CI Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # LC03CI
Description  LCxxCI Series 1-Line Low Capacitance Bi-directional TVS Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

LC03CI Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  LC03CI Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. LC03CI Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. LC03CI Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. LC03CI Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. LC03CI Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. LC03CI Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd. LC03CI Datasheet HTML 7Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LC18CI
Parameter
Symbol
Test Condition
Min
Typ
Max Unit
Reverse Working Voltage
VRWM
18.0
V
Breakdown Voltage
VBR
IT = 1mA
20
V
Reverse Leakage Current
IR
VRWM = 18 V
0.2
µA
Clamping Voltage
VC
IPP = 1A (8 x 20µs pulse)
26
V
Clamping Voltage
VC
IPP = 10A (8 x 20µs pulse)
35
V
Junction Capacitance
CJ
VR = 0V, f = 1MHz
1
pF
LC24CI
Parameter
Symbol
Test Condition
Min
Typ
Max Unit
Reverse Working Voltage
VRWM
24.0
V
Breakdown Voltage
VBR
IT = 1mA
26.7
V
Reverse Leakage Current
IR
VRWM = 24 V
0.2
µA
Clamping Voltage
VC
IPP = 1A (8 x 20µs pulse)
43
V
Clamping Voltage
VC
IPP = 8A (8 x 20µs pulse)
55
V
Junction Capacitance
CJ
VR = 0V, f = 1MHz
1.2
pF
LC30CI
Parameter
Symbol
Test Condition
Min
Typ
Max Unit
Reverse Working Voltage
VRWM
30.0
V
Breakdown Voltage
VBR
IT = 1mA
33.3
V
Reverse Leakage Current
IR
VRWM = 30 V
0.2
µA
Clamping Voltage
VC
IPP = 1A (8 x 20µs pulse)
50
V
Clamping Voltage
VC
IPP = 10A (8 x 20µs pulse)
75
V
Junction Capacitance
CJ
VR = 0V, f = 1MHz
1.2
pF
www.shunyegroup.com.cn



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com