Electronic Components Datasheet Search
  English  ▼

X  

PD121SL1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PD121SL1
Description  TFT-LCD module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PD121SL1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PD121SL1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 8Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 9Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 10Page - List of Unclassifed Manufacturers PD121SL1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PD121SL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:7
5-2) Backlight driving
Connector Part No.: JST BHR-03VS-1 or equivalent
Pin No
Symbol
Description
Remark
1
HV
Input terminal (Hi voltage side)
Wire color : Pink
2
NA
NA
3
LV
Input terminal (Low voltage side)
Wire Color : White ,Note 5-2
Note 5-2 : Low voltage side of backlight inverter connects with ground of inverter circuits.
6.Absolute Maximum Ratings:
The followings are maximum values, which if exceeded, may cause faulty operation
or damage to the unit.
   
                     GND=0V,Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VCC
-0.3
+6.0
V
Logic input Voltage
Vin
-0.3
+2.7
V
Note 6-1
Note 6-1: Permanent damage to the device may occur if maximum values are exceeded.
Function operation should be restricted to the conditions described under Normal
Operating Conditions.
7.Electrical Characteristics
7-1) Recommended Operating Conditions:
Ta=25 ± 2 ºC
Value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
Vcc
3.0
3.3 / 5.0
5.5
V
-
Ripple Voltage
VRP
-
-
100
mV
-
Rush Current
IRUSH
-
-
Note 6-1
A
Note 7-2
White
-
800
-
mA
Note 7-3
Power Supply Current
Black
-
-
440
-
mA
Note 7-3
LVDS differential voltage
Vid
-100
-
+100
mV
LVDS common input voltage
Vic
-
1.2
-
V
Note 7-1 The module is recommended to operate within specification ranges listed above for
normal function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com