Electronic Components Datasheet Search
  English  ▼

X  

PCM1602AR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PCM1602AR
Description  SPECIFICATIONS FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM1602AR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PCM1602AR Datasheet HTML 4Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 5Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 6Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 7Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 8Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 9Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 10Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 11Page - List of Unclassifed Manufacturers PCM1602AR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Copyright © 2006 Pacer PLC
PAGE 8 OF 22
f
= 180
= 90
= 0
= 270
b
r
l
-
.
Pin No. Symbol
Level
Description
1
VSS
0V
Ground
2
VDD
5.0V
Supply Voltage for logic
3
V0
(Variable) Operating voltage for LCD
4
RS
H/L
H: DATA, L: Instruction code
5
R/W
H/L
H: Read(MPU Module) L: Write(MPU Module)
6
E
H,H L Chip enable signal
7
DB0
H/L
Data bit 0
8
DB1
H/L
Data bit 1
9
DB2
H/L
Data bit 2
10
DB3
H/L
Data bit 3
11
DB4
H/L
Data bit 4
12
DB5
H/L
Data bit 5
13
DB6
H/L
Data bit 6
14
DB7
H/L
Data bit 7
15
LED(+)
Anode of LED Backlight
16
LED(-)
Cathode of LED Backlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com