Electronic Components Datasheet Search
  English  ▼

X  

B3776 Datasheet(PDF) 3 Page - EPCOS

Part # B3776
Description  SAW filter Short range devices
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3776 Datasheet(HTML) 3 Page - EPCOS

  B3776 Datasheet HTML 1Page - EPCOS B3776 Datasheet HTML 2Page - EPCOS B3776 Datasheet HTML 3Page - EPCOS B3776 Datasheet HTML 4Page - EPCOS B3776 Datasheet HTML 5Page - EPCOS B3776 Datasheet HTML 6Page - EPCOS B3776 Datasheet HTML 7Page - EPCOS B3776 Datasheet HTML 8Page - EPCOS B3776 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
May 24, 2007
B3776
868.30 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature for specification:
T
=
25 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
max.
Center frequency
fC
—
868.30
—
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements (QL = 57)
—
3.6
4.2
dB
excl. loss in matching elements
—
2.7
3.3
dB
Maximum insertion attenuation
α
max
868.15 ...
868.45 MHz
incl. loss in matching elements (QL = 57)
—
4.1
5.1
dB
excl. loss in matching elements
—
3.2
4.2
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
620.00 MHz
48
53
—
dB
620.00 ...
680.00 MHz
40
44
—
dB
680.00 ...
855.00 MHz
48
52
—
dB
855.00 ...
864.00 MHz
25
29
—
dB
864.00 ...
867.20 MHz
17
20
—
dB
867.20 ...
867.60 MHz
11
20
—
dB
867.60 ...
867.90 MHz
—
3
—
dB
869.50 ...
876.00 MHz
12
15
—
dB
876.00 ...
883.00 MHz
32
37
—
dB
883.00 ...
900.00 MHz
45
50
—
dB
900.00 ... 1500.00 MHz
50
55
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
450 || 0.9
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
450 || 0.9
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com