Electronic Components Datasheet Search
  English  ▼

X  

B32669 Datasheet(PDF) 6 Page - EPCOS

Part # B32669
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32669 Datasheet(HTML) 6 Page - EPCOS

  B32669 Datasheet HTML 1Page - EPCOS B32669 Datasheet HTML 2Page - EPCOS B32669 Datasheet HTML 3Page - EPCOS B32669 Datasheet HTML 4Page - EPCOS B32669 Datasheet HTML 5Page - EPCOS B32669 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical data
Operating temperature range
Max. operating temperature Top,max
+85
°C
Upper category temperature Tmax
+85
°C
Lower category temperature Tmin
40
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ
2
10-3 at 1 kHz
at 20
°C
(upper limit values)
Time constant
τ = C
R
Rins
2500 s
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
DC test voltage
VR = 250 VAC: 430 VDC, 1 s
VR = 400 VAC: 700 VDC, 1 s
AC test voltage
VR = 250 VAC: 440 VAC, 1 s
VR = 400 VAC: 700 VAC, 1 s
Damp heat test
21 days/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 3%
heat test
Dissipation factor change
∆ tan δ
≤ 0.5 10-3 (at 1 kHz)
≤ 1.0 10-3 (at 10 kHz)
Time constant
τ = C
R
Rins
≥ 50% of minimum
as-delivered values
Pulse handling capability
(rate of voltage rise Vpp/
τ)
≤ 10 V/µs
Permissible AC voltage Vrms versus frequency f
Values can be obtained on request. In specific cases please provide a scaled voltage/ time graph
and state operating conditions.
B32669
AC applications (wound)
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com