Electronic Components Datasheet Search
  English  ▼

X  

PM2115D Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # PM2115D
Description  BUCK APFCConstant Current Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

PM2115D Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  PM2115D Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 7Page - Shanghai Shunye Electronics Co.,Ltd. PM2115D Datasheet HTML 8Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PM2115X
BUCK APFC Constant Current Driver
Page 4 of 8
DS _PM2115X_EN_V1.0
ELECTRICAL CHARACTERISTICS (3)(4)
(Ta=25oC unless otherwise specified)
Symbol
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Sense
VCS
PK current reference voltage
194
200
206
mV
VCSMIN
CS minimum current reference
0.315
V
VCSLMT
CS sampling clamping voltage
1.2
V
TLEB
Leading-edge-blanking time
350
nS
Supply
VHV_ON
Turn-on threshold
VHV pull-up
12
V
ISOP
Quiescent current
180
uA
Oscillator
TOFF_MAX Maximum turn-off time
440
uS
TOFF_MIN Minimum turn-off time
0.9
uS
TON_MAX Maximum turn-on time
20
uS
TON_ MIN Minimum turn-on time
1
uS
TLV
Valley switching cycle
60
uS
OVP Protection
VOVP_OPEN OVP voltage @Open
VOVP > 4.2 V
115
V
VOVP_RES1 OVP voltage @ROVP=510k
Ω
VOVP= [1.1,3.4] V
175
V
VOVP_RES2 OVP voltage @ROVP=68k
Ω
VOVP= [0.12,0.95] V
230
V
VOVP_SC OVP voltage @Short
VOVP<0.12 V
90
V
MOSFET
VDS_MAX Drain-source breakdown voltage
500
V
RDSON
Drain-source on resistance
PM2115B
8
Ω
PM2115C
5.5
Ω
PM2115D/F
3
Ω
PM2115G
2
Ω
Over Thermal Compensation
TOTP
Temperature control point
150
℃
NOTE:
(3) Typical values in electrical characteristics are theoretical values of design, minimum and maximum values
are guaranteed by test statistics.
(4) The data is based on the results of PME laboratory tests.
www.shunyegroup.com.cn



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com