Electronic Components Datasheet Search
  English  ▼

X  

CY29774AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29774AI
Description  2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29774AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29774AI Datasheet HTML 1Page - Cypress Semiconductor CY29774AI Datasheet HTML 2Page - Cypress Semiconductor CY29774AI Datasheet HTML 3Page - Cypress Semiconductor CY29774AI Datasheet HTML 4Page - Cypress Semiconductor CY29774AI Datasheet HTML 5Page - Cypress Semiconductor CY29774AI Datasheet HTML 6Page - Cypress Semiconductor CY29774AI Datasheet HTML 7Page - Cypress Semiconductor CY29774AI Datasheet HTML 8Page - Cypress Semiconductor CY29774AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY29774
Document #: 38-07479 Rev. **
Page 3 of 9
Table 1. Frequency Table
Feedback Output
Divider
VCO
Input Frequency Range
(AVDD = 3.3V)
Input Frequency Range
(AVDD = 2.5V)
÷8
Input Clock * 8
25 MHz to 62.5 MHz
25 MHz to 50 MHz
÷12
Input Clock * 12
16.6 MHz to 41.6 MHz
16.6 MHz to 33.3 MHz
÷16
Input Clock * 16
12.5 MHz to 31.25 MHz
12.5 MHz to 25 MHz
÷24
Input Clock * 24
8.3 MHz to 20.8 MHz
8.3 MHz to 16.6 MHz
÷32
Input Clock * 32
6.25 MHz to 15.625 MHz
6.25 MHz to 12.5 MHz
÷48
Input Clock * 48
4.2 MHz to 10.4 MHz
4.2 MHz to 8.3 MHz
Table 2. Function Table (configuration controls)
Control
Default
0
1
TCLK_SEL
0
TCLK0
TCLK1
VCO_SEL
0
VCO
÷2 (high input frequency range)
VCO
÷4 (low input frequency range)
PLL_EN
1
Bypass mode, PLL disabled. The input clock
connects to the output dividers
PLL enabled. The VCO output
connects to the output dividers
MR#/OE
1
Outputs disabled (three-state) and reset of the
device. During reset/output disable the PLL feedback
loop is open and the VCO running at its minimum
frequency. The device is reset by the internal
power-on reset (POR) circuitry during power-up.
Outputs enabled
CLK_STP#
1
QA, QB, and QC outputs disabled in LOW state.
FB_OUT is not affected by CLK_STP#.
Outputs enabled
Table 3. Function Table (Bank A, B and C)
VCO_SEL
SELA
QA(4:0)
SELB
QB(4:0)
SELC
QC(3:0)
00
÷40
÷40
÷8
01
÷81
÷81
÷12
10
÷80
÷80
÷16
11
÷16
1
÷16
1
÷24
Table 4. Function Table (FB_OUT)
VCO_SEL
FB_SEL1
FB_SEL0
FB_OUT
000
÷8
001
÷16
010
÷12
011
÷24
100
÷16
101
÷32
110
÷24
111
÷48



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com