Electronic Components Datasheet Search
  English  ▼

X  

CY29972AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29972AI
Description  3.3V, 125-MHz Multi-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29972AI Datasheet HTML 1Page - Cypress Semiconductor CY29972AI Datasheet HTML 2Page - Cypress Semiconductor CY29972AI Datasheet HTML 3Page - Cypress Semiconductor CY29972AI Datasheet HTML 4Page - Cypress Semiconductor CY29972AI Datasheet HTML 5Page - Cypress Semiconductor CY29972AI Datasheet HTML 6Page - Cypress Semiconductor CY29972AI Datasheet HTML 7Page - Cypress Semiconductor CY29972AI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY29972
Document #: 38-07290 Rev. *C
Page 5 of 8
Power Management
The individual output enable/freeze control of the CY29972
allows the user to implement unique power management
schemes into the design. The outputs are stopped in the logic
‘0’ state when the freeze control bits are activated. The serial
input register contains one programmable freeze enable bit for
12 of the 14 output clocks. The QC0 and FB_OUT outputs can
not be frozen with the serial port, this avoids any potential lock
up situation should an error occur in the loading of the serial
data. An output is frozen when a logic ‘0’ is programmed and
enabled when a logic ‘1’ is written. The enabling and freezing
of individual outputs is done in such a manner as to eliminate
the possibility of partial “runt” clocks.
The serial input register is programmed through the SDATA
input by writing a logic ‘0’ start bit followed by 12 NRZ freeze
enable bits. The period of each SDATA bit equals the period of
the free running SCLK signal. The SDATA is sampled on the
rising edge of SCLK.
Figure 2.
Absolute Maximum Ratings[5]
Maximum input voltage relative to VSS: .............. VSS – 0.3V
Maximum input voltage relative to VDD:............... VDD + 0.3V
Storage temperature: .................................. –65°C to +150°C
Operating temperature:................................. –40°C to +85°C
Maximum ESD protection ................................................ 2kV
Maximum power supply: .................................................5.5V
Maximum input current: .............................................±20 mA
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any
voltage higher than the maximum rated voltages to this circuit.
For proper operation, VIN and VOUT should be constrained to
the range:
VSS < (VIN or VOUT) < VDD .Unused inputs must always be tied
to an appropriate logic voltage level (either VSS or VDD).
Note:
3. For best performance and accurate frequencies from this device, It is recommended but not mandatory that the chosen crystal meet or exceed these specifications.
4. Larger values may cause this device to exhibit oscillator start-up problems.
5. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11
D0-D3 are the control bits for QA0-QA3, respectively
D4-D7 are the control bits for QB0-QB3, respectively
D8-D10 are the control bits for QC1-QC3, respectively
D11 is the control bit for SYNC
Start
Bit
Table 3. Suggested Oscillator Crystal Parameters
Parameter
Characteristic
Min.
Typ.
Max.
Unit
Conditions
TC
Frequency Tolerance
–
–
±100
PPM
Note 3
TS
Frequency Temperature Stability
–
–
±100
PPM
(TA –10 to +60°C)
[3]
TA
Aging
–
–
5
PPM/Yr
(first 3 years @ 25°C)[3]
CL
Load Capacitance
–
20
–
pF
The crystal’s rated load.[3]
RESR
Effective Series Resistance (ESR)
–
40
80
Ohms
Note 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com