Electronic Components Datasheet Search
  English  ▼

X  

SMF15A Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMF15A
Description  Transient Voltage Suppressors (TVS) Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMF15A Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMF15A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMF15A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMF15A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMF15A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. SMF15A Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd. SMF15A Datasheet HTML 6Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Recommended Soldering Conditions
Reflow Soldering
TP
TL
tS
Preheat
25
TS max
TS min
Ramp-up
Ramp-down
Critical Zone
TL to TP
tP
tL
t 25℃ to Peak
Time
Recommended Conditions
Profile Feature
Pb-Free Assembly
Average ramp-up rate (TL to TP)
3
℃/second max.
Preheat
-Temperature Min (TS min)
-Temperature Max (TS max)
-Time (min to max) (tS)
150
℃
200
℃
60-180 seconds
TS max to TL
-Ramp-up Rate
3
℃/second max.
Time maintained above:
-Temperature (TL)
-Time (tL)
217
℃
60-150 seconds
Peak Temperature (TP)
260
℃
Time within 5
℃ of actual Peak Temperature (t
P)
20-40 seconds
Ramp-down Rate
6
℃/second max.
Time 25
℃ to Peak Temperature
8 minutes max.
www.shunyegroup.com.cn
V2.22
SMF5.0A THRU SMF220CA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com