Electronic Components Datasheet Search
  English  ▼

X  

SS84L Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SS84L
Description  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SS84L Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SS84L Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SS84L Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SS84L Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2 ”(5.0x5.0mm) copper pad areas
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
8.0
180.0
0.60
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 8.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.3
R
θJA
CJ
TJ,
TSTG
50.0
200
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +150
-50 to +175
20
10
0.45
0.70
SS82L SS83L
SS85L
SS84L
SS86L
SS810L
SS88L
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
SS815L
150
105
150
SS820L
200
150
200
0.85
0.2
2.0
MDD Catalog Number
www.shunyegroup.com.cn
V2.22
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS82L THRU SS820L
Dimensions in inches and (millimeters)
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.59)
DO-214AB/SMC
0.126 (3.20)
0.114 (2.90)
0.060(1.52)
0.030(0.76)
0.320(8.13)
0.305(7.75)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.103(2.62)
0.079(2.06)
FEATURES
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.007 ounce, 0.25 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds at terminals


Similar Part No. - SS84L

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS84 FRONTIER-SS84 Datasheet
125Kb / 2P
8A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS84 LUGUANG-SS84 Datasheet
315Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Formosa MS
SS84 FORMOSA-SS84 Datasheet
122Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS84 CHENDA-SS84 Datasheet
868Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS84 DGNJDZ-SS84 Datasheet
665Kb / 3P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS 8
More results

Similar Description - SS84L

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS10100HE-AU PANJIT-SS10100HE-AU Datasheet
150Kb / 5P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
November 3,2017-REV.06
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com