Electronic Components Datasheet Search
  English  ▼

X  

SYR2000 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SYR2000
Description   HIGH VOLTAGE FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SYR2000 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SYR2000 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SYR2000 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■
Characteristics(Typical)
0
0
5
1
0
5
图
1: 正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
单相半波电压电阻和电感负载
0.375”(9.5毫米)引线长度
Single Phase Half Wave 60Hz Resistive or
Inductive Load 0.375''(9.5mm) Lead Length
Ta(℃)
100
0.0
周波数
Number of Cycles
图
2: 最大正向浪涌冲击耐受力
FIG.2:MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
10
20
30
40
50
图
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.04
0.1
0.2
0.4
1.0
1.5
0.6
0.8
1.2
1.5
1.8
VF(V)
图
4: 典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
1.0
0.1
1
10
100
20
40
60
80
100
TJ=25°C
TJ=125C
°
50
0.1
0.2
0.3
0.4
0.5
HIGH VOLTAGE FAST RECOVERY
SYR1600 THRU SYR2000
www.shunyegroup.com.cn
V2.22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com