Electronic Components Datasheet Search
  English  ▼

X  

UC2 Datasheet(PDF) 2 Page - IMO Precision Controls Ltd.

Part # UC2
Description  New Generation DPDT Subminiature Signal Relay UC2/UD2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

UC2 Datasheet(HTML) 2 Page - IMO Precision Controls Ltd.

  UC2 Datasheet HTML 1Page - IMO Precision Controls Ltd. UC2 Datasheet HTML 2Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UC2/UD2/07/07
www.imopc.com
New Generation DPDT Subminiature
Signal Relay UC2/UD2
Coil Data
Outline dimensions (mm)
Wiring diagram and PC Board layout
Non-latch type
20˚C
Part
Number
UC2-1.5NU/UD2-1.5NU
UC2-3NU/UD2-3NU
UC2-4.5NU/UD2-4.5NU
UC2-5NU/UD2-5NU
UC2-6NU/UD2-6NU
UC2-9NU/UD2-9NU
UC2-12NU/UD2-12NU
UC2-24NU/UD2-24NU
Nominal
Coil Voltage
VDC
1.5
3
4.5
5
6
9
12
24
Coil
Resistance
Ω ± 10%
16
64.3
145
178
257
579
1028
2504
Operate
Voltage
(VDC)
75% of
nominal
voltage
Release
Voltage
(VDC)
10% of
nominal
voltage
Nominal
operate
power
140mW
140mW
140mW
140mW
140mW
140mW
140mW
230mW
Single coil latch type
20˚C
Part
Number
UC2-1.5SNU/UD2-1.5SNU
UC2-3SNU/UD2-3SNU
UC2-4.5SNU/UD2-4.5SNU
UC2-5SNU/UD2-5SNU
UC2-6SNU/UD2-6SNU
UC2-9SNU/UD2-9SNU
UC2-12SNU/UD2-12SNU
UC2-24SNU/UD2-24SNU
Nominal
Coil Voltage
VDC
1.5
3
4.5
5
6
9
12
24
Coil
Resistance
Ω ± 10%
22.5
90
202.5
250
360
810
1440
4800
Operate
Voltage
(VDC)
75% of
nominal
voltage
Release
Voltage
(VDC)
10% of
nominal
voltage
Nominal
operate
power
100mW
100mW
100mW
100mW
100mW
100mW
100mW
120mW
UC2
UD2
UD2
UC2
2
3
4
1
7
6
5
8
2
3
4
1
7
6
5
8
SET
RESET
Non-latch type
(Not energised position)
Single coil latch type
(reset position)
UD2-12
9900
10.6
± 0.3
6.5
± 0.3
3.2 ±
0.15
2.2
± 0.15
0.4
± 0.1
1.5
5.08
± 0.15
8.4
± 0.3
Detail
10.6
± 0.3
6.5
± 0.3
3.2 ±
0.15
2.2
± 0.15
0.4
± 0.1
1.5
5.08
± 0.15
UC2-12
9900
7.6
3.2 2.2 2.2
8-ø0.8
3.2 2.2 2.2
0.8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com