Electronic Components Datasheet Search
  English  ▼

X  

PDD0986B Datasheet(PDF) 3 Page - Potens Semiconductor Corp.

Part # PDD0986B
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDD0986B Datasheet(HTML) 3 Page - Potens Semiconductor Corp.

  PDD0986B Datasheet HTML 1Page - Potens Semiconductor Corp. PDD0986B Datasheet HTML 2Page - Potens Semiconductor Corp. PDD0986B Datasheet HTML 3Page - Potens Semiconductor Corp. PDD0986B Datasheet HTML 4Page - Potens Semiconductor Corp. PDD0986B Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
3
PDD0986B
100V N-Channel MOSFETs
Fig.6 Gate Charge Characteristics
0
2
4
6
8
10
0
3
6
9
12
15
ID=15A
VDS=50V
1
10
100
1000
0.1
1
10
100
Ciss
Coss
Crss
0
6
12
18
24
30
25
50
75
100
125
150
0
6
12
18
24
30
0
1
2
3
4
5
VGS=2.5V
VGS=2.7V
VGS=3V
VGS=4.5V
VGS=3.3V
0.4
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
Fig.1 Typical Output Characteristics
TC , Case Temperature (℃)
Fig.2 Continuous Drain Current vs. TC
TJ , Junction Temperature (℃)
Fig.3 Normalized RDSON vs. TJ
TJ , Junction Temperature (℃)
Fig.4 Normalized Vth vs. TJ
VDS , Drain to Source Voltage (V)
Qg , Gate Charge (nC)
VDS ,Drain to Source Voltage (V)
Fig.5 Capacitance Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com