Electronic Components Datasheet Search
  English  ▼

X  

AD9960BSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9960BSTZ
Description  Mixed-Signal Front End (MxFE®)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9960BSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD9960BSTZ Datasheet HTML 1Page - Analog Devices AD9960BSTZ Datasheet HTML 2Page - Analog Devices AD9960BSTZ Datasheet HTML 3Page - Analog Devices AD9960BSTZ Datasheet HTML 4Page - Analog Devices AD9960BSTZ Datasheet HTML 5Page - Analog Devices AD9960BSTZ Datasheet HTML 6Page - Analog Devices AD9960BSTZ Datasheet HTML 7Page - Analog Devices AD9960BSTZ Datasheet HTML 8Page - Analog Devices AD9960BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9960
Rev. 0 | Page 4 of 12
SPECIFICATIONS
ANALOG SPECIFICATIONS
TMIN to TMAX, unless otherwise specified; analog and digital supplies = 3.3 V ± 10%; fCLKIN = 32 MHz. TxDAC settings: fDAC = 32 MSPS;
8× interpolation; IOUTFS = 20 mA1; differential load resistance of 25 Ω2; unless otherwise noted. RxADC settings: fADC = 64 MSPS3 ;
no decimation, internal VREF; differential 3 V p-p analog inputs; unless otherwise noted.
Table 1. Tx Path Specifications
Parameter
Min
Typ
Max
Unit
Tx PATH GENERAL
Resolution
12
Bits
Maximum DAC Update Rate
32
MHz
Maximum Full-Scale Output Current
2
20
mA
Gain Mismatch Error
−2
+2
% FS
Offset Mismatch Error
−2
+2
% FS
Voltage Reference (REFIO)
1.23
V
Output Voltage Compliance Range
–1.0
+1.3
V
Tx PATH DYNAMIC PERFORMANCE
(IOUTFS = 20 mA; fOUT = 100 kHz)
SNR
71
73
dBFS
SINAD
70
dB
THD
–79
–71
dBc
SFDR, Wideband (DC to Nyquist)
83
dBc
Table 2. Rx Path Specifications
Parameter
Min
Typ
Max
Unit
Rx PATH GENERAL
Resolution
14
Bits
Maximum I/Q Channel Sample Rate
32
MSPS
Reference Voltage (VREF)
1.44
1.5
1.55
V
Differential Analog Input Voltage Range
2
3
V p-p
Gain Error (with Internal VREF)
2
2
% FS
Gain Drift (with Internal VREF)
±25
ppm/C
Gain Mismatch Error
±0.1
% FS
Offset Mismatch Error
±0.3
% FS
Aperture Uncertainty (Jitter)
1
ps rms
Input-Referred Noise
150
μV rms
Rx PATH DYNAMIC PERFORMANCE
(VIN = −0.5 dBFS; fIN = 1 MHz)
SNR
71
74
dBc
SINAD
70
72
dBc
THD (2nd to 9th Harmonic)
−79
−71
dBc
SFDR, Wideband (DC to Nyquist)
74
82
dBc
1 RSET = 1.31 kΩ with internal VREF DAC.
2 Results in 1 V p-p maximum differential voltage with common-mode voltage set to 0.5 V to replicate dc-coupled input to quadrature modulator.
3 2× clock multiplier enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com