Electronic Components Datasheet Search
  English  ▼

X  

AD4694BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD4694BCPZ
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4694BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4694BCPZ Datasheet HTML 9Page - Analog Devices AD4694BCPZ Datasheet HTML 10Page - Analog Devices AD4694BCPZ Datasheet HTML 11Page - Analog Devices AD4694BCPZ Datasheet HTML 12Page - Analog Devices AD4694BCPZ Datasheet HTML 13Page - Analog Devices AD4694BCPZ Datasheet HTML 14Page - Analog Devices AD4694BCPZ Datasheet HTML 15Page - Analog Devices AD4694BCPZ Datasheet HTML 16Page - Analog Devices AD4694BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
Data Sheet
AD4693/AD4694
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 77
AVDD = LDO_IN = 5V, REF = 5V, VIO = 1.8V, internal reference buffer disabled, internal LDO regulator enabled, REF decoupling capacitor
(CREF) = 1μF, operating at maximum sampling frequency (fS), TA = +25°C, and all other features in their default configuration.
Figure 6. INL vs. Output Code
Figure 7. INL vs. Temperature
Figure 8. Offset Error vs. Temperature
Figure 9. Gain Error vs. Temperature
Figure 10. Histogram, Accumulator Depth = 1
Figure 11. Histogram, Accumulator Depth = 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com