Electronic Components Datasheet Search
  English  ▼

X  

SC14ML11S6 Datasheet(PDF) 2 Page - SOURIAU-SUNBANK Connection Technologies

Part # SC14ML11S6
Description  SM/SC-M Stamped contacts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

SC14ML11S6 Datasheet(HTML) 2 Page - SOURIAU-SUNBANK Connection Technologies

  SC14ML11S6 Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies SC14ML11S6 Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM/SC-M Stamped contacts
83
Standard SM/SC crimp contacts: Contact size 16 - Pin diameter 1.6mm (.063”)
Part number: contacts on strip
Part number: Loose piecesmn
Wire size
Insulation
Wire
Pin contacts
Fig.
Socket contacts
Fig.
AWG
mm2
diameter
strip length
SM24M1S6
1
SC24M1S6
2
26 - 24
0.13 - 0.25
0.89 - 1.58
4.0
SM24ML1S6
SC24ML1S6
SM20M1S6
3
SC20M1S6
4
22 - 20
0.35 - 0.50
1.17 - 2.08
4.0
SM20ML1S6
SC20ML1S6
SM16M1S6
5
SC16M1S6
6
18 - 16
0.80 - 1.50
3.0
6.35
SM16ML1S6
SC16ML1S6
SM16M11S6
7
SC16M11S6
8
18 - 16
0.80 - 1.50
2.0 - 3.0
4.65
SM16ML11S6
SC16ML11S6
SM14M1S6
9
SC14M1S6
10
14
2.0
3.2
6.35
SM14ML1S6
SC14ML1S6
Dimensional table
Hand crimp tooling for loose contacts
Automatic crimp tooling for
contacts on strip
Extraction
Size
K750 ASC
tooling
Hand tools
M8ND
P100 MAN
(Stripper - crimper)
die set included
Die set
Mini Applicator
Mini Applicator
(not included)
(not included)
(not included)
Crimptooling table
For other platings: See plating table.
24
Y16SCM2 (ratchet)
N24RT11
MLS0318B
20
N20RT29
MLS0555A
MLS20M1
Y14MTV (ratchet)
16M(L)11
Y16SCM2 (ratchet)
N16RT26
MLS0356A
MLS16M11
RX2025GE1
or
16M(L)1
Y14SCM (ratchet)
N16RT24
MLS1579
MLS16M1
RX2025GE2
Y14MTV (ratchet)
or
14
Y14SCM (ratchet)
N14RT13
MLS1047
MLS14M1
RX16D11D1
Y14MTV (ratchet)
For detailed information on crimp tooling : See crimp tooling section



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com