Electronic Components Datasheet Search
  English  ▼

X  

1162559 Datasheet(PDF) 1 Page - fivi STOP

Part # 1162559
Description  Bobbin Mounts - Type VV (Male - Male)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIVISTOP [fivi STOP]
Direct Link  
Logo FIVISTOP - fivi STOP

1162559 Datasheet(HTML) 1 Page - fivi STOP

  1162559 Datasheet HTML 1Page - fivi STOP 1162559 Datasheet HTML 2Page - fivi STOP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4995880
0808VV06-45
8
8
M3 x 6
45
3.0
1.6
4.8
4995892
0808VV06-60
8
8
M3 x 6
60
5.5
1.6
8.8
4995909
1008VV10-45
10
8
M4 x 10
45
3.8
1.6
6.1
4995910
1008VV10-60
10
8
M4 x 10
60
7.2
1.6
11.5
4995922
2020VV18-45
20
20
M6 X 18
45
4.4
4.0
17.6
4995958
2025VV18-60
20
25
M6 X 18
45
5.5
5.0
27.5
1207009
2510VV18-45
25
10
M6 X 18
45
27.8
2.0
55.6
4995960
2513VV13-45
25
13
M6 X 13
45
20.5
2.6
53.3
4995971
2515VV18-45
25
15
M6 X 18
45
15.0
3.0
45.0
4995983
2515VV18-60
25
15
M6 X 18
60
28.3
3.0
84.9
1162559
2520VV18-45
25
20
M6 X 18
45
10.0
4.0
40.0
4995995
2520VV20-35
25
20
M8 X 20
35
5.6
4.0
22.4
4996008
2520VV20-45
25
20
M8 X 20
45
10.0
4.0
40.0
4996021
2520VV20-60
25
20
M8 X 20
60
18.1
4.0
72.4
4996033
2522VV20-60
25
22
M8 X 20
60
15.0
4.4
66.0
DH
The Type VV Bobbin Mounts are designed to be used on a wide range of applications, and can be used
in compression or shear.
They are manufactured from Natural Rubber in a variety of hardnesses to suit the application, and have
zinc plated steel end sections with either welded or cold formed threads.
This range comes with a Male thread on either end.
Maximum
Stiffness
(DaN)
M x I
IRHD
Stiffness
(DaN/mm)
Max. Static
Deflection
(mm)
Farnell
Ref:
Fibet Ref:
Bobbin Mounts - Type VV (Male - Male)
LOAD
Fibet VV Mounts
Issue 1
Page 1 of 2


Similar Part No. - 1162559

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
11625 WIHA-11625 Datasheet
6Mb / 44P
Professional Insulated Tools
logo
Pro-Power
1162500050 PROPOWER-1162500050 Datasheet
152Kb / 2P
Cable Gland and Locknut
09/06/12 V1.1
More results

Similar Description - 1162559

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1400 CANDD-1400 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
Murata Manufacturing Co...
1410313C MURATA-1410313C Datasheet
497Kb / 2P
Bobbin Type Inductors
logo
Datatronic Distribution...
PT12110 DATATRONICS-PT12110 Datasheet
49Kb / 1P
Bobbin Type Fixed Inductors
logo
Murata Manufacturing Co...
KMP_1400 MURATA-KMP_1400 Datasheet
110Kb / 2P
Bobbin Type Inductors
logo
Pomona Electronics
4296 POMONA-4296 Datasheet
27Kb / 1P
Adapter, SMA Male To Type ?쏯??Male
logo
Murata Power Solutions ...
1410313C MURATA-PS-1410313C Datasheet
340Kb / 2P
Bobbin Type Inductors
logo
List of Unclassifed Man...
5006 ETC2-5006 Datasheet
134Kb / 1P
TYPE N MALE TO SMA MALE ADAPTER
4027VE23-60 ETC2-4027VE23-60 Datasheet
76Kb / 1P
Bobbin Mount End Stop - Type VE (Male)
logo
Adam Technologies, Inc.
DIN-64MS-L32-A1CX-098 ADAM-TECH-DIN-64MS-L32-A1CX-098 Datasheet
90Kb / 1P
DIN TYPE R MALE
DIN-96MR-L33-A1CX ADAM-TECH-DIN-96MR-L33-A1CX Datasheet
93Kb / 1P
DIN TYPE C MALE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com