Electronic Components Datasheet Search
  English  ▼

X  

4996021 Datasheet(PDF) 2 Page - fivi STOP

Part # 4996021
Description  Bobbin Mounts - Type VV (Male - Male)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIVISTOP [fivi STOP]
Direct Link  
Logo FIVISTOP - fivi STOP

4996021 Datasheet(HTML) 2 Page - fivi STOP

  4996021 Datasheet HTML 1Page - fivi STOP 4996021 Datasheet HTML 2Page - fivi STOP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4996045
2525VV18-45
25
25
M6 X 18
45
5.9
5.0
29.5
4996070
4025VV25-45
40
25
M10 X 25
45
18.1
5.0
90.5
4996094
4030VV23-45
40
30
M8 X 23
45
12.7
6.0
76.2
4996100
4030VV23-50
40
30
M8 X 23
50
18.3
6.0
109.8
4996124
4030VV23-70
40
30
M8 X 23
70
33.5
6.0
201.0
4996136
4035VV23-45
40
35
M8 X 23
45
9.7
7.0
67.9
4996150
4035VV25-60
40
35
M10 X 25
60
18.1
7.0
126.7
4996161
4040VV25-35
40
40
M10 X 25
35
5.5
8.0
44.0
4996173
4040VV25-60
40
40
M10 X 25
60
15.0
8.0
120.0
4996197
5025VV25-60
50
25
M10 X 25
60
73.5
5.0
367.5
4996227
5035VV25-45
50
35
M10 X 25
45
19.7
7.0
137.9
4996252
5040VV25-60
50
40
M10 X 25
60
26.0
8.0
208.0
4996276
7550VV37-70
75
50
M12 X 37
70
84.1
10.0
841.0
DH
The Type VV Bobbin Mounts are designed to be used on a wide range of applications, and can be used
in compression or shear.
They are manufactured from Natural Rubber in a variety of hardnesses to suit the application, and have
zinc plated steel end sections with either welded or cold formed threads.
This range comes with a Male thread on either end.
Maximum
Stiffness
(DaN)
M x I
IRHD
Stiffness
(DaN/mm)
Max. Static
Deflection
(mm)
Farnell
Ref:
Fibet Ref:
Bobbin Mounts - Type VV (Male - Male)
LOAD
Fibet VV Mounts
Issue 1
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com