Electronic Components Datasheet Search
  English  ▼

X  

PD03005 Datasheet(PDF) 3 Page - Polymaker Industrial

Part # PD03005
Description  Innovators in 3D prointing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYMAKER [Polymaker Industrial]
Direct Link  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

PD03005 Datasheet(HTML) 3 Page - Polymaker Industrial

  PD03005 Datasheet HTML 1Page - Polymaker Industrial PD03005 Datasheet HTML 2Page - Polymaker Industrial PD03005 Datasheet HTML 3Page - Polymaker Industrial PD03005 Datasheet HTML 4Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Property
Testing Method
Typical Value
Melting temperature
DSC, 10° C/min
168 °C
Crystallization temperature
DSC, 10° C/min
94 °C
Property
Testing Method
Typical Value
100% modulus (X-Y)
ISO 527, GB/T 1040
9.4 ± 0.3 MPa
Young’s modulus (X-Y)
ISO 527, GB/T 1040
29 ± 2.8 MPa
Elongation at break (X-Y)
ISO 527, GB/T 1040
330.1 ± 14%
Shore hardness
ISO 7619, GB/T 31
95A
Printing temperature
225 °C
Bed temperature
45 ° C
Shell
2
Top & bottom layer
4
Infill
100%
Environmental temperature
25 ° C
Cooling fan
ON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com