Electronic Components Datasheet Search
  English  ▼

X  

FS791 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FS791
Description  Low EMI Spectrum Spread Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FS791 Datasheet(HTML) 1 Page - Cypress Semiconductor

  FS791 Datasheet HTML 1Page - Cypress Semiconductor FS791 Datasheet HTML 2Page - Cypress Semiconductor FS791 Datasheet HTML 3Page - Cypress Semiconductor FS791 Datasheet HTML 4Page - Cypress Semiconductor FS791 Datasheet HTML 5Page - Cypress Semiconductor FS791 Datasheet HTML 6Page - Cypress Semiconductor FS791 Datasheet HTML 7Page - Cypress Semiconductor FS791 Datasheet HTML 8Page - Cypress Semiconductor FS791 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Low EMI Spectrum Spread Clock
FS791/92/94
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-07343 Rev *A
Revised December 28, 2002
92/94
Features
• Spread Spectrum Clock Generator (SSCG) with 1x, 2x
and 4x outputs
• 80- to 140-MHz operating frequency range
• Modulates external clocks including crystals, crystal
oscillators, and ceramic resonators
• Programmable modulation with simple R-C external
loop filter (LF)
• Center spread modulation
• 3–5 Volt power supply
• TTL/CMOS compatible outputs
• Low short-term jitter
• Low Power Dissipation;
— 3.3 VDC = 73 mW—typical
— 5.0 VDC = 225 mW—typical
• Available in 8-pin SOIC package
.
Applications
• Desktop/Notebook computers
• VGA, XGA, and SXGA LCD displays
• High-speed printers and copiers
• CD-ROM, VCD, and DVD
• Embedded systems
• Networking, LAN/WAN
• Modems
Benefits
• Programmable EMI reduction
• Fast time-to-market
• Lower cost of compliance
• No degradation in Rise/Fall time
• Lower component and PCB layer count
Block Diagram
Pin Configuration
Phase
Detector
VCO
1
2
Xin
Xout
10 pF.
Reference
Divider
10 pF.
10 pF.
VCO / N
Modulation
Control
Input Control
Counter
and
Mux
Power Contol
Logic
3
7
8
5
4
VDD
S0
S1
FSOUT
Loop Filter
VSS
6
1
2
3
4
8
7
6
5
Xin
Xout
S1
LF
VDD
S0
FSOUT
VSS
FS79x


Similar Part No. - FS791

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS7-4 ETC-FS7-4 Datasheet
38Kb / 2P
Flow Switches - Liquid
FS7-4D ETC-FS7-4D Datasheet
38Kb / 2P
Flow Switches - Liquid
FS7-4DF ETC-FS7-4DF Datasheet
38Kb / 2P
Flow Switches - Liquid
FS7-4DS ETC-FS7-4DS Datasheet
38Kb / 2P
Flow Switches - Liquid
FS7-4F ETC-FS7-4F Datasheet
38Kb / 2P
Flow Switches - Liquid
More results

Similar Description - FS791

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
Low EMI Spectrum Spread Clock
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Cypress Semiconductor
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
Cypress Semiconductor
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com