Electronic Components Datasheet Search
  English  ▼

X  

BFU520A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFU520A
Description  isc NPN Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFU520A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFU520A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFU520A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFU520A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISB3098
eq BFU520A
isc NPN Silicon RF Transistor
www.iscsemi.com
2023-10-10
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 10uA; IC= 0A
2.5
--
--
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC=100uA; IB= 0A
12
--
--
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1uA; IE= 0A
20
--
--
V
ICBO
Collector Cutoff Current
VCB = 10V; IE= 0A
--
--
0.1
uA
IEBO
Emitter Cutoff Current
VEB = 1V; IC= 0A
--
--
0.1
uA
hFE*
DC Current Gain
IC= 20mA; VCE= 6V
90
--
250
--
fT
Transition Frequency
VCE= 6V, IC= 20mA, f= 1GHz
--
8
--
GHz
Cre
Feedback Capacitance
VCB= 10V, IE= 0mA, f= 1MHz
--
0.65
--
pF
|S21e|2
Insertion Power Gain
VCE= 6V, IC= 20mA, f= 0.9GHz
--
12
--
dB
NF
Minimum Noise Figure
VCE= 6V, IC= 5mA, f= 0.9GHz
--
1.6
--
dB
hFE* Classification:
B
C
D
90-140
120-180
170-250
Package Dimensions
1: Base; 2: Emitter; 3: Collector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com