Electronic Components Datasheet Search
  English  ▼

X  

GP2D020A120B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # GP2D020A120B
Description  SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GP2D020A120B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  GP2D020A120B Datasheet HTML 1Page - Inchange Semiconductor Company Limited GP2D020A120B Datasheet HTML 2Page - Inchange Semiconductor Company Limited GP2D020A120B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCD7078
eq GP2D020A120B
SiC Schottky Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VRRM
Repetitive Peak Reverse Voltage
IR= 1.0mA
1200
--
--
V
VF
Diode Forward Voltage
IF= 20A
--
--
1.8
V
IR
Reverse Current
VR= 1200V
--
--
40
uA
C
Total Capacitance
VR= 1V
--
1105
--
pF
VR= 400V
--
95
--
pF
VR= 800V
--
85
--
pF
QC
Total Capacitive Charge
VR= 800V, IF= 20A
di/dt= 200A/us
--
85
--
nC
PACKAGE OUTLINE (UNIT: MM):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com