Electronic Components Datasheet Search
  English  ▼

X  

LSIC2SD170B10 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # LSIC2SD170B10
Description  SiC Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LSIC2SD170B10 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LSIC2SD170B10 Datasheet HTML 1Page - Inchange Semiconductor Company Limited LSIC2SD170B10 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISCD7074
eq LSIC2SD170B10
SiC Schottky Diode
www.iscsemi.com
1
DESCRIPTION
· Excellent Surge Capability
· Zero Reverse Recovery Current
APPLICATIONS
· Switch Mode Power Supplies (SMPS)
· Solar Inverters
· Battery Chargers
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
1700
V
IF
Continuous Forward Current
@TC= 25℃
31
A
Continuous Forward Current
@TC= 135℃
15
A
Continuous Forward Current
@TC= 155℃
10
A
IFSM
Non-Repetitive Peak Forward
Surge Current, Half Sine Wave
TC = 25 °C, tp= 10 ms
72
A
PTOT
Power Dissipation
,TC=25℃
176
W
TJ
Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature
-55~150
℃
Case
1
2


Similar Part No. - LSIC2SD170B10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
LSIC2SD170B25 ISC-LSIC2SD170B25 Datasheet
419Kb / 2P
SiC Schottky Diode
More results

Similar Description - LSIC2SD170B10

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com