Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP512
Description  TMP4719-Q1 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments TMP512 Datasheet HTML 10Page - Texas Instruments TMP512 Datasheet HTML 11Page - Texas Instruments TMP512 Datasheet HTML 12Page - Texas Instruments TMP512 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
6.8 Typical Characteristics
at TA = 25°C and VDD = 3.3V (unless otherwise noted)
Ambient Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.5
-1
-0.5
0
0.5
1
1.5
VDD = 1.62V to 5.5V
Figure 6-2. Local Temperature Error vs Temperature
Remote Diode Te mperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1.5
-1
-0.5
0
0.5
1
1.5
Characterized with MMBT3904 NPN Transistor; TA = 25°C; 30
units
Figure 6-3. Remote Temperature Error vs Temperature
Series Resistance (
)
0
500
1000
1500
2000
2500
3000
3500
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Characterized with MMBT3904 NPN Transistor; 7 units
averaged
Figure 6-4. Remote Temperature Error vs Series Resistance
Leakage Resistance (M
)
1
10
100
1000
-60
-50
-40
-30
-20
-10
0
10
20
D+ to GND
D+ to VDD
Figure 6-5. Remote Temperature Error vs Diode Parallel
Leakage Resistance
Differential Capacitance (nF)
0
5
10
15
20
-35
-30
-25
-20
-15
-10
-5
0
Characterized with MMBT3904 NPN Transistor
Figure 6-6. Remote Temperature Error vs Differential
Capacitance
Time (s)
-2
0
2
4
6
8
10
12
14
16
18
20
30
40
50
60
70
80
Local
Remote
Local: soldered devices on 62mil 2-layer FR4 PCB
Remote: characterized with MMBT3904 NPN Transistor
Temperature Step: TA jumps from 25°C to 75°C
Figure 6-7. Response Time (Stirred Liquid)
www.ti.com
TMP4719-Q1
SLVSJS0 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMP4719-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com