Electronic Components Datasheet Search
  English  ▼

X  

NEX10 Datasheet(PDF) 1 Page - Radiall. All rights reserved.

Part # NEX10
Description  STRAIGHT JACK FLANGE, SOLDER CABLE .141
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIALL [Radiall. All rights reserved.]
Direct Link  https://www.radiall.com/
Logo RADIALL - Radiall. All rights reserved.

NEX10 Datasheet(HTML) 1 Page - Radiall. All rights reserved.

  NEX10 Datasheet HTML 1Page - Radiall. All rights reserved. NEX10 Datasheet HTML 2Page - Radiall. All rights reserved. NEX10 Datasheet HTML 3Page - Radiall. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
STRAIGHT JACK FLANGE, SOLDER CABLE .141
PAGE 1/3
ISSUE 28-06-17B
SERIES NEX10
PART NUMBER R180252007
This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written
agreement from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary.
All dimensions are in mm. Tolerances according ISO 2768 m-H
.
.
pn
ao
COMPONENTS
MATERIALS
PLATING (
m)
Body
BRASS.
BBR
Center contact
BERYLLIUM COPPER
SILVER
Outer contact
Insulator
PTFE
Gasket
Others parts
-
-
-
-
-
-


Similar Part No. - NEX10

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NEX10000AUB NEXPERIA-NEX10000AUB Datasheet
4Mb / 21P
120 mA dual output LCD bias power supply
Rev. 1 29 October 2024
NEX10000UB NEXPERIA-NEX10000UB Datasheet
5Mb / 21P
80 mA dual output LCD bias power supply
Rev. 1 - 6 November 2023
NEX10000UBZ NEXPERIA-NEX10000UBZ Datasheet
5Mb / 21P
80 mA dual output LCD bias power supply
Rev. 1 - 6 November 2023
NEX10001UB NEXPERIA-NEX10001UB Datasheet
3Mb / 22P
220 mA dual output LCD bias power supply
Rev. 2 - 20 December 2023
More results

Similar Description - NEX10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R125256000 ETC2-R125256000 Datasheet
36Kb / 2P
STRAIGHT SQUARE FLANGE JACK SOLDER TYPE CABLE .085
logo
Molex Electronics Ltd.
73254-0180 MOLEX11-73254-0180 Datasheet
34Kb / 1P
50 Ohms, QMA Straight Jack Bulkhead for RG-402 (.141) Cable
73298-0011 MOLEX11-73298-0011 Datasheet
33Kb / 1P
50 Ohms, BMA Jack, 2H Floating Flange Mount for RG-402 (.141) Cable
0731340030 MOLEX11-0731340030 Datasheet
69Kb / 1P
50 Ohms, 7/16 Jack, 4 Hole Flange, RG-141 Cable
0731410040 MOLEX11-0731410040 Datasheet
59Kb / 1P
50 Ohms, N Jack, Straight, 4 Hole Flange Mount, for .141 Cable
0731340030 MOLEX6-0731340030_V01 Datasheet
61Kb / 1P
50 Ohms, 7/16 Jack, 4 Hole Flange, RG-141 Cable
0731410040 MOLEX-0731410040_V01 Datasheet
49Kb / 1P
50 Ohms, N Jack, Straight, 4 Hole Flange Mount, for .141 Cable
logo
TE Connectivity Ltd
C-2081973 TEC-C-2081973 Datasheet
314Kb / 2P
4.3-10 STRAIGHT JACK FOR RG141 CABLE SOLDER TYPE, 4 HOLES SQUARE FLANGE
C-2081974 TEC-C-2081974 Datasheet
314Kb / 2P
4.3-10 STRAIGHT JACK FOR 380 CABLE SOLDER TYPE, 4 HOLES SQUARE FLANGE
logo
Amphenol RF.
112619 RF-112619 Datasheet
70Kb / 1P
BNC PANEL DIRECT SOLDER JACK (FOR .141" SEMI RIGID CABLE)
04/09/07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com