Electronic Components Datasheet Search
  English  ▼

X  

W144 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # W144
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W144 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button W144 Datasheet HTML 6Page - Cypress Semiconductor W144 Datasheet HTML 7Page - Cypress Semiconductor W144 Datasheet HTML 8Page - Cypress Semiconductor W144 Datasheet HTML 9Page - Cypress Semiconductor W144 Datasheet HTML 10Page - Cypress Semiconductor W144 Datasheet HTML 11Page - Cypress Semiconductor W144 Datasheet HTML 12Page - Cypress Semiconductor W144 Datasheet HTML 13Page - Cypress Semiconductor W144 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
W144
Document #: 38-07153 Rev. *B
Page 13 of 14
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Drawing and Dimension
Intel is a registered trademark of Intel Corporation. Purchase of I2C components from Cypress, or one of its sublicensed
Associated Companies, conveys a license under the Philips I2C Patent Rights to use these components in an I2C system,
provided that the system conforms to the I2C Standard Specification as defined by Philips. All product and company names
mentioned in this document are the trademarks of their respective holders.
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached within 1 ms from
power-up. Short cycles exist prior to frequency stabili-
zation.
––3
ms
Zo
AC Output Impedance
Average value during switching transition. Used for
determining series termination value.
–40
–
Ω
Ordering Information
Ordering Code
Package Type
W144H
48-Pin SSOP (300-mil)
W144HT
48-Pin SSOP (300-mil) – Tape and Reel
24-MHz Clock Output (Lump Capacitance Test Load = 20 pF= 66.6/100 MHz (continued)
Parameter
Description
Test Condition/Comments
CPU = 66.6/100.2 MHz
Unit
Min.
Typ.
Max.
48-Lead Shrunk Small Outline Package O48
51-85061-*C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com