Electronic Components Datasheet Search
  English  ▼

X  

W150 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # W150
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W150 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button W150 Datasheet HTML 2Page - Cypress Semiconductor W150 Datasheet HTML 3Page - Cypress Semiconductor W150 Datasheet HTML 4Page - Cypress Semiconductor W150 Datasheet HTML 5Page - Cypress Semiconductor W150 Datasheet HTML 6Page - Cypress Semiconductor W150 Datasheet HTML 7Page - Cypress Semiconductor W150 Datasheet HTML 8Page - Cypress Semiconductor W150 Datasheet HTML 9Page - Cypress Semiconductor W150 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PRELIMINARY
W150
Document #: 38-07177 Rev. *B
Page 6 of 15
Writing Data Bytes
Each bit in Data Bytes 0–7 control a particular device function
except for the “reserved” bits which must be written as a logic
0. Bits are written MSB (most significant bit) first, which is bit 7.
Table 5 gives the bit formats for registers located in Data Bytes
0–7.
Table 6 details additional frequency selections that are
available through the serial data interface.
Table 7 details the select functions for Byte 0, bits 1 and 0.
4
Data Byte 0
Refer to Table 5 The data bits in Data Bytes 0–5 set internal W150 registers that control device
operation. The data bits are only accepted when the Address Byte bit sequence is
11010010, as noted above. For description of bit control functions, refer to Table 5,
Data Byte Serial Configuration Map.
5
Data Byte 1
6
Data Byte 2
7
Data Byte 3
8
Data Byte 4
9
Data Byte 5
10
Data Byte 6
Don’t Care
Unused by the W150, therefore bit values are ignored (Don’t Care).
11
Data Byte 7
Table 4. Byte Writing Sequence (continued)
Byte
Sequence
Byte Name
Bit Sequence
Byte Description
Table 5. Data Bytes 0–5 Serial Configuration Map
Bit(s)
Affected Pin
Control Function
Bit Control
Default
Pin No.
Pin Name
0
1
Data Byte 0
7
––
(Reserved)
––
0
6
––
SEL_2
See Table 6
0
5
––
SEL_1
See Table 6
0
4
––
SEL_0
See Table 6
0
3
––
Frequency Table Selection
Frequency
Controlled by FS
(3:0) Table 2
Frequency
Controlled by SEL
(3:0) Table 6
0
2
––
SEL3
Refer to Table 6
0
1–0
––
Bit 1
Bit 0
Function (See Table 7 for function details)
0
0
Normal Operation
0
1
(Reserved)
1
0
Spread Spectrum On
1
1
All Outputs Three-stated
00
Data Byte 1
7
––
–
–
–
0
6
––
–
–
–
0
5
––
–
–
–
0
4
––
–
–
–
0
3
46
SDRAM_F
Clock Output Disable
Low
Active
1
2
49
CPU2
Clock Output Disable
Low
Active
1
1
51
CPU1
Clock Output Disable
Low
Active
1
0
52
CPU_F
Clock Output Disable
Low
Active
1
Data Byte 2
7
––
(Reserved)
––
0
6
8
PCI_F
Clock Output Disable
Low
Active
1
5
16
PCI5
Clock Output Disable
Low
Active
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com