Electronic Components Datasheet Search
  English  ▼

X  

W152 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W152
Description  Spread Aware?? Eight Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W152 Datasheet(HTML) 5 Page - Cypress Semiconductor

  W152 Datasheet HTML 1Page - Cypress Semiconductor W152 Datasheet HTML 2Page - Cypress Semiconductor W152 Datasheet HTML 3Page - Cypress Semiconductor W152 Datasheet HTML 4Page - Cypress Semiconductor W152 Datasheet HTML 5Page - Cypress Semiconductor W152 Datasheet HTML 6Page - Cypress Semiconductor W152 Datasheet HTML 7Page - Cypress Semiconductor W152 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
W152
Document #: 38-07148 Rev. *A
Page 5 of 8
Ordering Information
Ordering Code
Option
Package
Name
Package Type
W152
-1, -11, -2, -12,
-3, -4
G
X
16-pin SOIC (150 mil)
16-pin TSSOP (4.4 mm)
Figure 3. Cycle to Cycle Jitter at 15 pF
W152 -01 CYCLE - CYCLE JITTER @ 15 pF
0
100
200
300
400
500
600
700
800
900
1000
0
20
40
60
80
100
120
140
160
FREQUENCY in MHz
07/21/99 W152-a1
Figure 4. Pin to Pin Skew at 15 pF
W152 -01 PIN- PIN SKEW @ 15 pF
-200
-100
0
100
200
300
A1
A2
A3
A4
B1
B2
B3
B4
OUTPUT #
PIN A1 = REF
O7/21/99 a3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com