Electronic Components Datasheet Search
  English  ▼

X  

W234 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W234
Description  Dual Direct Rambus??Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W234 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W234 Datasheet HTML 1Page - Cypress Semiconductor W234 Datasheet HTML 2Page - Cypress Semiconductor W234 Datasheet HTML 3Page - Cypress Semiconductor W234 Datasheet HTML 4Page - Cypress Semiconductor W234 Datasheet HTML 5Page - Cypress Semiconductor W234 Datasheet HTML 6Page - Cypress Semiconductor W234 Datasheet HTML 7Page - Cypress Semiconductor W234 Datasheet HTML 8Page - Cypress Semiconductor W234 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
W234
Document #: 38-07232 Rev. *B
Page 2 of 14
Pin Definitions
Pin Name
Pin
No.
Pin
Type
Pin Description
REFCLK
2
I
Reference Clock Input: Reference clock input, normally supplied by a system
frequency synthesizer (Cypress W133).
PCLKM0:1
5, 10
I
Phase Detector Input 0:1: The phase difference between this signal and SYN-
CLKN is used to synchronize the Rambus Channel Clock with the system clock.
Both PCLKM and SYNCLKN are provided by the Gear Ratio Logic in the memory
controller. If the Gear Ratio Logic is not used, this pin would be connected to
ground.
SYNCLKN0:1
4, 9
I
Phase Detector Input 0:1: The phase difference between this signal and PCLKM
is used to synchronize the Rambus Channel Clock with the system clock. Both
PCLKM and SYNCLKN are provided by the Gear Ratio Logic in the memory con-
troller. If the Gear Ratio Logic is not used, this pin would be connected to ground.
STOP#
13
I
Clock Output Enable: When this input is driven to active LOW, it disables the
differential Rambus Channel clocks.
PWR_DWN#
14
I
Active LOW Power-Down: When this input is driven to active LOW, it disables
the differential Rambus Channel clocks and places the W234 in Power-Down
mode.
MULT 0:2
17, 16, 15
I
PLL Multiplier Select: These inputs select the PLL prescaler and feedback divid-
ers to determine the multiply ratio for the PLL for the input REFCLK.
CLK0, CLK0#,
CLK1, CLK1#
23, 24, 20,
19
O
Complementary Output Clock: Differential Rambus Channel clock outputs.
S0, S1, S2
28, 27, 26
I
Mode Control Input: These inputs control the operating mode of the W234.
VDDIR
1
RefV
Reference for Refclk: Voltage reference for input reference clock.
VDDIPD
12
RefV
Reference for Phase Detector: Voltage reference for phase detector inputs and
STOP#.
VDD
3, 7, 11, 21,
22
P
Power Connection: Power supply for core logic and output buffers. Connected to
3.3V supply.
GND
6, 8, 18, 25
G
Ground Connection: Connect all ground pins to the common system ground
plane.
MULT1
0
0
1
1
0
0
1
1
MULT0
0
0
0
0
1
1
1
1
A
4
9
6
TBD
8
16
8
TBD
MULT2
0
1
0
1
0
1
0
1
B
1
2
1
TBD
3
3
1
TBD
S1
0
0
1
0
0
1
1
S0
0
1
1
0
1
1
0
MODE
Normal
Bypass
Test
Vendor Test A
Vendor Test B
Reserved
Output Test (OE)
S2
0
0
0
1
1
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com