Electronic Components Datasheet Search
  English  ▼

X  

46121CB Datasheet(PDF) 2 Page - Dialight Corporation

Part # 46121CB
Description  White LED Products for Bus Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

46121CB Datasheet(HTML) 2 Page - Dialight Corporation

  46121CB Datasheet HTML 1Page - Dialight Corporation 46121CB Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
MDTBWLPX001_C
White LED Products for
Bus Applications
46121CB - 14 Volt, 46123CB - 24 Volt
• 4” Round Back up Lamp
• Weather Pak connector wire termination
• Potted construction
• Includes lens hard coating
• 180 mAmps @ 14 VDC, 120 mAmps @ 24 VDC
71121CB - 14 Volt, 71123CB - 24 Volt
• 7” Round Back-up Lamp
• Weather Pak connector wire termination
• Potted construction
• Includes lens hard coating
• 360 mAmps @ 14 VDC, 325 mAmps @ 24 VDC
Note: Contact your Dialight sales representative for
custom wire lengths and custom terminations.
87001CB - 12 Volt , 87003CB - 28 Volt
• 18” x 0.75” with diffused Lens
• EDAC connector wire termination
• Potted Construction
• Wide angle uniform beam
• 20 degree circular beam pattern
• 270 mAmps @ 12 VDC, 170 mAmps @ 28 VDC
• 8 lux @ 1 meter, 38 lux @ 0.5 meter
46001CB801 - 14 Volt, 46003CB811 - 24 Volt
• 4” Round Lamp with dispersing optics
• Weather Pak connector wire termination
• Potted construction
• 45 degree x 10 degree beam pattern
• 360 mAmps @ 14 VDC, 110 mAmps @ 24 VDC
• 260 lux @ 1 meter, 1120 lux @ 0.5 meter
White Wire
Ground
Black Wire
Positive
White Wire
Ground
Black Wire
Positive
Black Wire
Ground
Red Wire Positive
Black Wire Ground
Red Wire
Positive
47001CB • 12 Volt High Intensity
• Low intensity version also available
• 4” Round Lamp with a clear lens
• Potted construction
• 12 inch wire termination
White Wire
Ground
Black Wire
Positive



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com