Electronic Components Datasheet Search
  English  ▼

X  

W320-04HT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W320-04HT
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W320-04HT Datasheet(HTML) 2 Page - Cypress Semiconductor

  W320-04HT Datasheet HTML 1Page - Cypress Semiconductor W320-04HT Datasheet HTML 2Page - Cypress Semiconductor W320-04HT Datasheet HTML 3Page - Cypress Semiconductor W320-04HT Datasheet HTML 4Page - Cypress Semiconductor W320-04HT Datasheet HTML 5Page - Cypress Semiconductor W320-04HT Datasheet HTML 6Page - Cypress Semiconductor W320-04HT Datasheet HTML 7Page - Cypress Semiconductor W320-04HT Datasheet HTML 8Page - Cypress Semiconductor W320-04HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
W320-04
Document #: 38-07010 Rev. *C
Page 2 of 17
Pin Summary
Name
Pins
Description
REF
56
3.3V 14.318-MHz clock output.
XTAL_IN
2
14.318-MHz crystal input.
XTAL_OUT
3
14.318-MHz crystal input.
CPU, CPU# [0:2]
44, 45, 48, 49, 51, 52
Differential CPU clock outputs.
3V66_0
33
3.3V 66-MHz clock output.
3V66_1/VCH
35
3.3V selectable through SMBus to be 66 MHz or 48 MHz.
66IN/3V66_5
24
66-MHz input to buffered 66BUFF and PCI or 66-MHz clock from
internal VCO.
66BUFF [2:0] /3V66 [4:2]
21, 22, 23
66-MHz buffered outputs from 66Input or 66-MHz clocks from internal
VCO.
PCI_F [0:2]
5, 6, 7,
33-MHz clocks divided down from 66Input or divided down from 3V66.
PCI [0:6]
10, 11, 12, 13, 16, 17, 18 PCI clock outputs divided down from 66Input or divided down from
3V66.
USB
39
Fixed 48-MHz clock output.
DOT
38
Fixed 48-MHz clock output.
S2
40
Special 3.3V 3-level input for Mode selection.
S1, S0
54, 55
3.3V LVTTL inputs for CPU frequency selection.
IREF
42
A precision resistor is attached to this pin, which is connected to the
internal current reference.
MULT0
43
3.3V LVTTL input for selecting the current multiplier for the CPU
outputs.
PWR_DWN#
25
3.3V LVTTL input for Power_Down# (active LOW).
PCI_STOP#
34
3.3V LVTTL input for PCI_STOP# (active LOW).
CPU_STOP#
53
3.3V LVTTL input for CPU_STOP# (active LOW).
PWRGD#
28
3.3V LVTTL input is a level sensitive strobe used to determine when
S[2:0] and MULTI0 inputs are valid and OK to be sampled (Active
LOW). Once PWRGD# is sampled LOW, the status of this output will
be ignored.
SDATA
29
SMBus compatible SDATA.
SCLK
30
SMBus compatible SCLK.
VDD_REF, VDD_PCI,
VDD_3V66, VDD_CPU
1, 8, 14, 19, 32, 46, 50
3.3V power supply for outputs.
VDD_48 MHz
37
3.3V power supply for 48 MHz.
VDD_CORE
26
3.3V power supply for PLL.
GND_REF, GND_PCI,
GND_3V66, GND_IREF,
VDD_CPU
4, 9, 15, 20, 31, 36, 41, 47 Ground for outputs.
GND_CORE
27
Ground for PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com