Electronic Components Datasheet Search
  English  ▼

X  

71121CB Datasheet(PDF) 1 Page - Dialight Corporation

Part # 71121CB
Description  White LED Products for Bus Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

71121CB Datasheet(HTML) 1 Page - Dialight Corporation

  71121CB Datasheet HTML 1Page - Dialight Corporation 71121CB Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
White LED Products for
Bus Applications
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
MDTBWLPX001_C
586-4606-801
• Designed for LED Reading Light Applications
• Bayonet Base
• 20 degree circular beam pattern
• 55 mAmps @ 24 VDC
• 70 lux @ 1 meter, 350 lux @ 0.5 meter
17081CB - 12 Volt, 17083CB - 24 Volt
• Lens includes optics to disperse light
• 2.5” Lens diameter w/ Black Flange
• Weather Pak connector wire termination
• Welded Design
• 45 degree x 10 degree beam pattern
• 175 mAmps @ 12 VDC, 80 mAmps @ 24 VDC
• 23 lux @ 1 meter, 120 lux @ 0.5 meter
Note: Contact your Dialight sales representative for
custom wire lengths and custom terminations.
13001CB - 12 Volt , 13003CB - 24 Volt ( Preliminary Information )
• 2.5” x 1” Mini Design
• .180 bullet wire termination
• Potted construction
• 45 degree x 10 degree beam pattern
• 30 mAmps @ 12 VDC, 15 mAmps @ 24 VDC
• 8 lux @ 1 meter, 30 lux @ 0.5 meter
17081CB802 - 12 Volt , 17083CB803 - 24 Volt
• Clear Lens for spot lighting
• 2.5” Lens diameter w/ Black Flange
• Weather Pak connector wire termination
• Welded Design
• 20 degree circular beam pattern
• 175 mAmps @ 12 VDC, 80 mAmps @ 24 VDC
• 98 lux @ 1 meter, 450 lux @ 0.5 meter


Similar Part No. - 71121CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
71121 ETC2-71121 Datasheet
214Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
More results

Similar Description - 71121CB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com