Electronic Components Datasheet Search
  English  ▼

X  

SMD8 Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # SMD8
Description  Material Safety
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD8 Datasheet(HTML) 1 Page - Chip Quik Inc.

  SMD8 Datasheet HTML 1Page - Chip Quik Inc. SMD8 Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JOHNSON MANUFACTURING COMPANY
Material Safety Data Sheet
to comply with 29 CFR 1910.1200,
OSHA's Hazard Communication Standard
Manufactured for Chip Quik , Inc. by Johnson Mfg. Co.
Chip Quik Alloy w/Lead in Part #’s SMD1, SMD4.5, SMD8, SMD16, SMD32, SMD2000
Section I:
Johnson Manufacturing Company
Emergency Telephone
1-(563)-289-5123
114 Lost Grove Road
CHEMTREC after hours 1-(800)-424-9300
Princeton IA
52768
Revised
1/1/2009
Section II: Hazardous Ingredients/Identity information
Hazardous Component
CAS #
OSHA TWA
ACGIH TWA
Other limits
807
Tin
7440-31-5
2mg/M3
2mg/M3
NE
12%
* + Lead
7439-92-1
0.05mg/M3
0.05mg/M3
NE
18
Bismuth
7440-69-9
NE
NE
NE
49
Indium
7440-74-6
0.1mg/M3
0.1mg/M3
NE
21
Only those ingredients listed in this section have been determined to be hazardous as defined in 29CFR 1910.1200.
An ingredient marked with an asterisk(*) is also listed in 29CFR 1910.1200(D) #4 as a known or suspected cancer hazard.
+ denotes a chemical regulated as toxic by the Environmental Protection Agency (EPA) as outlined in 40CFR Part 372 (section 313)
Section III: Physical/Chemical Characteristics
Boiling Point: 2840 F
Specific Gravity: 9.0
Vapor Pressure (mm Hg): 760 @ 3164F
Melting Point: 291 F
Vapor Density: NE
Evaporation Rate
Solubility in water: insoluble
(butyl acetate=1): < 1
Appearance and odor: silver grey solid, odorless
Section IV: Fire and Explosion Hazard Data
Flash Point: non flammable
Flammable limits
lel: NA
uel: NA
Extinguishing media:
all
Special fire fighting procedures: use self-contained breathing apparatus
Unusual Fire and Explosion Hazards: May release toxic metal & oxide fumes. High
concentrations of dust may present explosion hazard. Water trapped below molten metal may
explode thus spattering molten metal.
Section V: Reactivity Data
Stability :
STABLE
Conditions to avoid : none
Incompatibility (materials to avoid): oxidizing materials, turpentine, acids, chlorides.
Hazardous Decomposition or Byproducts (incomplete combustion): toxic metal & metal oxide
fumes
Hazardous Polymerization: WILL NOT OCCUR
Conditions to avoid: none
Section VI: Health Hazard DataRoutes of entry: Inhalation? yes
Skin? no
Ingestion? Yes


Similar Part No. - SMD8

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
SMD8 CHIPQUIK-SMD8 Datasheet
130Kb / 2P
Chip Quik Removal Alloy (8ft. In 15-6.5in. Lengths) leaded
revision 1.0
logo
Shenzhen Luguang Electr...
SMD8.000M LUGUANG-SMD8.000M Datasheet
245Kb / 5P
CRYSTAL UNITS
logo
ACPA Technology Co., Lt...
SMD8.0A ACPA-SMD8.0A Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
SMD8.0CA ACPA-SMD8.0CA Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
SMD8.5A ACPA-SMD8.5A Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
More results

Similar Description - SMD8

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
PL1816-NTE NTE-PL1816-NTE Datasheet
32Kb / 7P
MATERIAL SAFETY DATA SHEET
RX401-16 NTE-RX401-16 Datasheet
120Kb / 7P
MATERIAL SAFETY DATA SHEET
RX1100-10 NTE-RX1100-10 Datasheet
34Kb / 6P
MATERIAL SAFETY DATA SHEET
RX1800-18 NTE-RX1800-18 Datasheet
114Kb / 6P
MATERIAL SAFETY DATA SHEET
RX2600-6 NTE-RX2600-6 Datasheet
38Kb / 6P
MATERIAL SAFETY DATA SHEET
logo
List of Unclassifed Man...
48000 ETC2-48000 Datasheet
149Kb / 2P
Material Safety Data Sheet
48008 ETC2-48008 Datasheet
149Kb / 2P
Material Safety Data Sheet
30001 ETC2-30001 Datasheet
32Kb / 2P
MATERIAL SAFETY DATA SHEET
ECCOBOND45CLR1 ETC2-ECCOBOND45CLR1 Datasheet
36Kb / 5P
Material Safety Data Sheet
logo
Laird Tech Smart Techno...
SNL60-RXP LSTD-SNL60-RXP Datasheet
62Kb / 4P
Material Safety Data Sheet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com