Electronic Components Datasheet Search
  English  ▼

X  

PSU-93. Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PSU-93.
Description  DC Power Supplies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PSU-93. Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PSU-93. Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
F-102
F
DC Power SuPPlieS
PSU-93 plug-in power supply
provides an unregulated 16 to 23V
supply for electronic equipment.
To Order
Model No.
Description
PSU-93
24 Vdc, 200 mA
FPW-15
15 Vdc, 400 mA
Ordering Examples: PSU-93, 24 Vdc power supply.
FPW-15, 15 Vdc power supply.
SPeciFicatioNS
input Voltage: 120V ±10%, 60 Hz
output Voltage: 16 to 23 Vdc
(see table)
output Voltage connection:
Screw terminals, up to 16 AWG,
#6 to 32 screws
ambient operating temperature:
0 to 50°C (32 to 122°F)
Dimensions: 55.9 W x 49.3 H x 48.3 mm D
(2.20 x 1.94 x 1.90")
Weight: 198 g (7 oz)
PSU-93
SPeciFicatioNS
input Voltage: 120 V ±10%, 60 Hz
output Voltage: 15 Vdc at 400 mA
output Voltage connection: Screw
terminals, #6, up to 16 AWG
ambient operating temperature:
0 to 50°C (32 to 122°F)
Dimensions: 63.5 W x 76.2 H x 47.6 mm
D (2.5 x 3 x 17⁄8")
49
(1.94)
56
(2.20)
48
(1.90)
76
(3)
48
(1.88)
64
(2.5)
FPW-15
input
105 Vac
120 Vac 130 Vac
output (ma)
output
output
output
Vdc
Vdc
Vdc
No Load
0
20.0
23.0
25.0
50
17.8
20.5
22.0
100
16.5
19.5
21.0
200
15.0
17.5
19.0
Full Load
300
13.5
16.0
17.0
Dimensions: mm (inch)
Dimensions: mm (inch)
FPW-15 shown smaller
than actual size.
PSU-93 shown smaller
than actual size.
The FPW-15 is a regulated 15 Vdc
supply for electronic equipment.
PSU-93
FPW-15


Similar Part No. - PSU-93.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSU-93 ETC-PSU-93 Datasheet
407Kb / 2P
Miniature Industrial, Non-Contact
More results

Similar Description - PSU-93.

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
DC-DC Power Supplies
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
DC-DC Power Supplies
WF100 XPPOWER-WF100_13 Datasheet
297Kb / 2P
DC-DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com