Electronic Components Datasheet Search
  English  ▼

X  

PEX1P2 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # PEX1P2
Description  1-Port Parallel PCIe Card - PCI Express to Parallel DB25 Adapter Card - Desktop Expansion LPT Controller for Printers, Scanners & Plotters - SPP/ECP - Standard/Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX1P2 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  PEX1P2 Datasheet HTML 1Page - StarTech.com Ltd. PEX1P2 Datasheet HTML 2Page - StarTech.com Ltd. PEX1P2 Datasheet HTML 3Page - StarTech.com Ltd. PEX1P2 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
External Ports
DB-25 (25 pin, D-Sub)
Software
OS Compatibility
Windows 7, 8, 8.1, 10
Windows Server 2003, 2008 R2, 2012, 2012 R2, 2016, 2019
Linux 2.6.x to 5.x <i>LTS Versions only</i>
Environmental
Operating Temperature
5C to 50C (41F to 122F)
Storage Temperature
20C to 60C (68F to 140F)
Humidity
40%~80% RH
Physical
Characteristics
Color
Black
Product Length
4.7 in [12.0 cm]
Product Width
2.9 in [73.0 mm]
Product Height
0.7 in [18.5 mm]
Weight of Product
1.6 oz [45.0 g]
Packaging
Information
Package Length
5.6 in [14.2 cm]
Package Width
6.7 in [17.0 cm]
Package Height
1.2 in [30.0 mm]
Shipping (Package)
Weight
10.2 oz [290.0 g]
What's in the
Box
Included in Package
Quick-Start Guide
PCI Express Parallel Card
Full Profile Bracket (Installed)
Low Profile Bracket



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com