Electronic Components Datasheet Search
  English  ▼

X  

FCU20A30 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FCU20A30
Description  Ultra Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FCU20A30 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FCU20A30 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FCU20A30 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Fast Recovery Diode
FCU20A30
www.iscsemi.com
1
FEATURES
· Dual Diodes-Cathode Common
· Low Forward Voltage
· High Surge Capability
APPLICATIONS
· Switching Power Supply (SPS)
· High Frequency Converter
· DC/DC Converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
300
V
IF(AV)
Average Rectified Forward Current
10×2
A
IFSM
Non-Repetitive Peak Surge Current
(50Hz, Full Sine Wave, 1 Cycle)
120
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.0
℃
/W
12
3


Similar Part No. - FCU20A30

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCU20A30 NIEC-FCU20A30 Datasheet
73Kb / 5P
FRD - For Power Factor Improvement High Frequency Rectification
logo
National Instruments Co...
FCU20A30 NI-FCU20A30_15 Datasheet
131Kb / 1P
FRED
More results

Similar Description - FCU20A30

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
AUK corp
SF10A400H AUK-SF10A400H Datasheet
216Kb / 4P
Ultra Fast Recovery Diode
SF10A600H AUK-SF10A600H Datasheet
200Kb / 4P
Ultra Fast Recovery Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Sanken electric
DEXS-1106S SANKEN-DEXS-1106S Datasheet
358Kb / 7P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3051TDPP-EJ RENESAS-RJU3051TDPP-EJ Datasheet
102Kb / 4P
Ultra Fast Recovery Diode
RJU3052TDPP-EJ RENESAS-RJU3052TDPP-EJ Datasheet
103Kb / 4P
Ultra Fast Recovery Diode
RJU4352SDPD-E0 RENESAS-RJU4352SDPD-E0 Datasheet
61Kb / 4P
Ultra Fast Recovery Diode
RJU6053WDPP-M0 RENESAS-RJU6053WDPP-M0 Datasheet
104Kb / 4P
Ultra Fast Recovery Diode
logo
Rohm
RFN2VWM2S ROHM-RFN2VWM2S Datasheet
1Mb / 8P
Ultra Fast Recovery Diode
2022/01/24_Rev.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com