Electronic Components Datasheet Search
  English  ▼

X  

PDEB2210Q Datasheet(PDF) 3 Page - Potens Semiconductor Corp.

Part # PDEB2210Q
Description  20V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEB2210Q Datasheet(HTML) 3 Page - Potens Semiconductor Corp.

  PDEB2210Q Datasheet HTML 1Page - Potens Semiconductor Corp. PDEB2210Q Datasheet HTML 2Page - Potens Semiconductor Corp. PDEB2210Q Datasheet HTML 3Page - Potens Semiconductor Corp. PDEB2210Q Datasheet HTML 4Page - Potens Semiconductor Corp. PDEB2210Q Datasheet HTML 5Page - Potens Semiconductor Corp. PDEB2210Q Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Potens semiconductor corp.
Ver.1.00
3
PDEB2210Q
20V N-Channel MOSFETs
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
NOTES:
DUTY FACTOR: D = t1/t2
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
0.01
Fig.1 Continuous Drain Current vs. TJ
Fig.3 Normalized Vth vs. TJ
Fig.2 Normalized RDSON vs. TJ
Fig.4 Gate Charge Waveform
Square Wave Pulse Duration (s)
VDS , Drain to Source Voltage (V)
Fig.6 Maximum Safe Operation Area
Fig.5 Normalized Transient Response
Qg , Gate Charge (nC)
TJ , Junction Temperature (℃)
TJ , Junction Temperature (℃)
TJ , Juction Temperature (℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com