Electronic Components Datasheet Search
  English  ▼

X  

VS6624P0LP Datasheet(PDF) 51 Page - STMicroelectronics

Part # VS6624P0LP
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624P0LP Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VS6624P0LP Datasheet HTML 47Page - STMicroelectronics VS6624P0LP Datasheet HTML 48Page - STMicroelectronics VS6624P0LP Datasheet HTML 49Page - STMicroelectronics VS6624P0LP Datasheet HTML 50Page - STMicroelectronics VS6624P0LP Datasheet HTML 51Page - STMicroelectronics VS6624P0LP Datasheet HTML 52Page - STMicroelectronics VS6624P0LP Datasheet HTML 53Page - STMicroelectronics VS6624P0LP Datasheet HTML 54Page - STMicroelectronics VS6624P0LP Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 106 page
background image
VL6624/VS6624
Register map
51/106
0x0387(MSB)
0x0388(LSB)
uwManualVSize0 #
Default value
0x00
Purpose
if ImageSize_Manual selected, input required manual V size
Type
UINT16
0x038b(MSB)
0x038c(LSB)
uwZoomStepHSize0
Default value
0x01
Purpose
Set the zoom H step
Type
UINT16
0x038f(MSB)
0x0390(LSB)
uwZoomStepVSize0
Default value
0x01
Purpose
Set the zoom V step
Type
UINT16
0x0392
bZoomControl0
Default value
<0> ZoomStop
Purpose
control zoom in, zoom out and zoom stop
Type
C
Possible values
<0> ZoomStop
<1> ZoomStart_In
<2> ZoomStart_Out
0x0395(MSB)
0x0396(LSB)
uwPanSteplHSize0
Default value
0x00
Purpose
Set the pan H step
Type
UINT16
0x0399(MSB)
0x039a(LSB)
uwPanStepVSize0
Default value
0x00
Purpose
Set the PanV step
Type
UINT16
Table 13.
Pipe setup bank0
Index
PipeSetupBank0(1)