Electronic Components Datasheet Search
  English  ▼

X  

G01 Datasheet(PDF) 3 Page - XP Power Limited

Part # G01
Description  DC-HVDC C ONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G01 Datasheet(HTML) 3 Page - XP Power Limited

  G01 Datasheet HTML 1Page - XP Power Limited G01 Datasheet HTML 2Page - XP Power Limited G01 Datasheet HTML 3Page - XP Power Limited G01 Datasheet HTML 4Page - XP Power Limited G01 Datasheet HTML 5Page - XP Power Limited G01 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC-HVDC CONVERTER
G Series
Specifications subject to change without notice
.
3
Safety Approvals
Safety Agency
Standard
Notes & Conditions
UL
IEC/UL/CSA/EN 62368
CE
Meets all applicable directives
RoHS
RoHS 2 and 3 Directive (2011/65/EU)
Where applicable
External EMI/RFI Shield
0.300
(7.62)
2.000
(50.80)
0.300
(7.62)
ø 0.140 (3.56) thru
2 places
4-40 solderable
grounding stud
2 places
HIGH
VOLTAGE
0.31
(7.9)
0.68
(17.3)
0.40
(10.2)
1.60
(40.6)
0.20
(5.1)
0.80
(20.3)
1.60
(40.6)
2.40
(61.0)
An AB suffix is used to indicate an added external EMI/RFI Shield as shown above. These five-sided aluminum enclosures feature a durable, non-conductive black anodized
finish. On models with outputs of 3kV or higher, special care must be taken to ensure adequate spacing and insulation between the metal can and the high voltage output.
Single sided layout, encapsulation, or conformal coating may be required. Case grounding studs must be connected to ground. Case ground is not connected to (-) Input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com