Electronic Components Datasheet Search
  English  ▼

X  

PR-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR-10
Description  RTD Probe with Insulated Wire and Shrink-Tube Support
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PR-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UNRESTRICTED
PR-10-Series
________________________________________________________________________
RTD Probe with Insulated Wire and Shrink-Tube
Support
Omega's RTD probe with insulated lead wire has a shrink-
tube strain relief support at the sheath/wire transition to
provide wire flexibility and durability. This probe is offered
in 2-, 3-, or 4-wire configuration. This is available in three
temperature ranges covering -200°C to 600°C (-328 to
1112°F) to accommodate your specific temperature
needs. Applications for this probe include liquid
immersion, slurries and emulsions, granular material
measurements, as well as temperature monitoring of heat
bars, kilns, and pipes. This probe is suited for both
process and laboratory temperature measurements.
Features
Class A accuracy, conforming to IEC 60751
Low temperature range: -50 to 250°C (-58 to 482°F)
High temperature range: -50 to 450°C (-58 to 842°F)
Extreme temperature range: -200 to 600°C (-328 to 1112°F)
Standard probe lengths of 2, 3, 4, 6, 9, 12, 18, and 24”
Resistance value: PT100 Ω or PT1000 Ω; 2, 3, or 4-wire
Stripped-end standard; other terminations offered
Dual element offered in both PT100 Ω and PT1000 Ω
Specifications
Model
PR-10L (Low)
PR-10H (High)
PR-10E (Extreme)
Process Temperature
Range
-50 to 250°C
(-58 to 482°F)
-50 to 450°C
(-58 to 842°F)
-200 to 600°C
(-328 to 1112°F)
Accuracy
Class A
Class A
Class A from -100 to 450°C
(-148 to 842°F); or else Class B
Nominal Resistance/Curve
100 Ω at 0°C standard; TCR = 0.00385 Ω/Ω/°C standard
Wire Length
40” standard (longer lengths may be built using our configurator)
Wire Material
PFA
Fiberglass
PFA
Wire Termination Max Temp
100°C (212°F)
250°C (482°F)
250°C (482°F)
Lead Wire Termination
Stripped ends. Other terminations may be configured.
Dimensions
Diameters: 1/8, 3/16 and 1/4 inch.
Standard probe length of 2, 3, 4, 6, 12, 18 and 24 inch.
Other lengths may be built using our configurator.
Ingress Protection
IP67
IP67
IP67
Response time T90 (s)
1/8” 0.75 sec
3/16” 0.975 sec
1/4” 1.2 sec
1/8” 1.00 sec
3/16” 1.55 sec
1/4” 2.10 sec
1/8” 1.5 sec
3/16” 1.95 sec
1/4” 2.4 sec
Vibration
IEC 60068-2-6; 5 to 2000 Hz sweep rate, one active per minute;
10 sweep cycles; acceleration 5g (15 probes tested together) Duration: 1 day
Shock
IEC 60068-2-27; 50g/11ms (15 probes tested together) Duration: 1 day
Ordering Example: PR-10H-3-100-1/8-6: 100 Ω, Class “A” RTD, “High” temp -50 to 450°C (-58 to 842°F), 1/8” probe
diameter, 6 inch length, 40 inches of lead wire, stripped ends.
PR-10E Extreme
PR-10L Low
PR-10H High


Similar Part No. - PR-10

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PR-1 SYSTEMSENSOR-PR-1 Datasheet
273Kb / 2P
Multi-Voltage Conventional Relays
logo
CUI INC
PR-1135 CUI-PR-1135 Datasheet
336Kb / 3P
DC POWER RECEPTACLE
logo
CUI Devices
PR-1135 CUID-PR-1135 Datasheet
332Kb / 3P
DC POWER RECEPTACLE
11/06/2019
logo
List of Unclassifed Man...
PR-12 ETC-PR-12 Datasheet
706Kb / 1P
RTD Probe with Cast Iron Protection Head
PR-12E ETC-PR-12E Datasheet
706Kb / 1P
RTD Probe with Cast Iron Protection Head
More results

Similar Description - PR-10

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0052 MOLEXKITS-76650-0052 Datasheet
38Kb / 2P
Nylon and PVC Insulated Wire Pin
logo
List of Unclassifed Man...
WT2000 ETC2-WT2000 Datasheet
49Kb / 1P
TOOLING FOR PRE-INSULATED AND COPPER TUBE TERMINALS
logo
PANDUIT CORP.
PH14-6F-Q PANDUIT-PH14-6F-Q Datasheet
95Kb / 1P
HEAT SHRINK INSULATED FORK TERMINALS
logo
List of Unclassifed Man...
JH240 ETC1-JH240 Datasheet
215Kb / 2P
2-WIRE RTD TRANSMITTER
logo
Cyntec Co., Ltd.
CYN-8Y-001 CYNTEC-CYN-8Y-001 Datasheet
1Mb / 7P
SD50114XXX, PT RTD probe sensor
CYN-8Y-002 CYNTEC-CYN-8Y-002 Datasheet
1Mb / 5P
SD10244XXX, PT RTD probe sensor
logo
Wurth Elektronik GmbH &...
71201615 WURTH-71201615 Datasheet
276Kb / 4P
WA-HST Polyolefine Heat Shrink Tube
REVISION 001.001
logo
Lapp.
61742400 LAPP-61742400 Datasheet
104Kb / 2P
Shrink tube PROTECT
09.11.2018
logo
E+E Elektronik Ges.m.b....
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Digital Interface
03-2023
HTP201 EPLUSE-HTP201 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Analogue Outputs
10-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com